Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 26 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 26 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 22Page - Microchip Technology USB3300 Datasheet HTML 23Page - Microchip Technology USB3300 Datasheet HTML 24Page - Microchip Technology USB3300 Datasheet HTML 25Page - Microchip Technology USB3300 Datasheet HTML 26Page - Microchip Technology USB3300 Datasheet HTML 27Page - Microchip Technology USB3300 Datasheet HTML 28Page - Microchip Technology USB3300 Datasheet HTML 29Page - Microchip Technology USB3300 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
USB3300
DS00001783B-page 26
 2014-2015 Microchip Technology Inc.
6.1.5.2
ULPI Register Read
A ULPI register read operation is given in Figure 6-5. The Link drives a TXD CMD byte with DATA[7:6] = 11h for a reg-
ister read. DATA[5:0] of the ULPI TXD command bye contain the register address.
At T0, the Link will place the TXD CMD on the databus. At T2, the PHY will bring NXT high, signaling that the Link it is
ready to accept the data transfer. At T3, the PHY reads the TXD CMD, determines it is a register read, and asserts DIR
to gain control of the bus. The PHY will also de-assert NXT. At T4, the bus ownership has transferred back to the PHY
and the PHY drives the requested register onto the databus. At T5, the Link will read the databus and the PHY will drop
DIR low returning control of the bus back to the Link. After the turn around cycle, the Link must drive a ULPI Idle com-
mand at T6.
6.1.6
ULPI RXD CMD
The Link needs several more important states of information which were provided by the linestate[1:0], rxactive, rxvalid
and rxerror. When an implementing the OTG functions the Vbus and ID pin states must also be transferred into the Link.
ULPI defines a Receive Command Byte (RXD CMD) that contains this information. The Encoding of the RXD CMD byte
is given in the Table 6-5, "ULPI RX CMD Encoding".
Transfer of the RXD CMD byte occurs when in Synchronous Mode when the PHY has control of the bus. Transfers of
the RXD CMD occur after: a transmit cmd has issued STP, a linestate change when not transmitting, a USB receive, or
an interrupt event occurs.
In Figure 6-2, "ULPI Digital Block Diagram", the ULPI Protocol Block determines when to send an RXD CMD. When a
linestate change occurs the RXD CMD is sent immediately if the DIR output is low.
When a USB Receive is occurring RXD CMDs are sent when ever NXT = 0 and DIR = 1. When a USB Transmit occurs
the RXD CMDs are returned to the Link after the STP is asserted ending the Link to USB3300 transfer of the bytes to
be sent on the transmit.
To summarize a RXD CMD transfer occurs:
• when DIR is low and a linestate change occurs.
• when Vbus and/or ID comparators change state.
• during a USB receive when NXT is low.
• after STP is asserted during a USB transmit cmd.
FIGURE 6-5:
ULPI REGISTER READ
DIR
CLK
DATA[7:0]
STP
NXT
Txd Cmd Reg
Read
Idle
T0
Reg Data
Turn around
Turn around
T1
T2
T3
T4
T5
T6
Idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com