Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 22 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 22 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 18Page - Microchip Technology USB3300 Datasheet HTML 19Page - Microchip Technology USB3300 Datasheet HTML 20Page - Microchip Technology USB3300 Datasheet HTML 21Page - Microchip Technology USB3300 Datasheet HTML 22Page - Microchip Technology USB3300 Datasheet HTML 23Page - Microchip Technology USB3300 Datasheet HTML 24Page - Microchip Technology USB3300 Datasheet HTML 25Page - Microchip Technology USB3300 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
USB3300
DS00001783B-page 22
 2014-2015 Microchip Technology Inc.
6.1.4.7
OTG Control: Address = 0A-0Ch (read), 0Ah (write), 0Bh (set), 0Ch (clear)
6.1.4.8
USB Interrupt Enable Rising: Address = 0D-0Fh (read), 0Dh (write), 0Eh (set), 0Fh (clear)
Field Name
Bit
Default
Description
IdPullup
0
0b
Connects a pull-up resistor from the ID pin to VDD3.3
0b: Disables the pull-up resistor
1b: Enables the pull-up resistor
DpPulldown
1
1b
Enables the 15k Ohm pull-down resistor on DP.
0b: Pull-down resistor not connected to DP
1b: Pull-down resistor connected to DP
DmPulldown
2
1b
Enables the 15k Ohm pull-down resistor on DM.
0b: Pull-down resistor not connected to DM
1b: Pull-down resistor connected to DM
DischrgVbus
3
0b
This bit is only used during SRP. Connects a resistor from VBUS
to ground to discharge VBUS.
0b: disconnect resistor from VBUS to ground
1b: connect resistor from VBUS to ground
ChrgVbus
4
0b
This bit is only used during SRP. Connects a resistor from VBUS
to VDD3.3 to charge VBUS above the SessValid threshold.
0b: disconnect resistor from VBUS to VDD3.3
1b: connect resistor from VBUS to VDD3.3
DrvVbus
5
0b
Used to enable external 5 volt supply to drive 5 volts on VBUS.
This signal is or’ed with DrvVbusExternal.
0b: do not drive VBUS
1b: drive VBUS
DrvVbusExternal
6
0b
Used to enable external 5 volt supply to drive 5 volts on VBUS.
This signal is or’ed with DrvVbus.
0b: do not drive VBUS
1b: drive VBUS
UseExternalVbus
Indicator
7
0b
Tells the PHY to use an external VBUS over-current or voltage
indicator. This function is detailed in Section 6.5.4, "External Vbus
Indicator".
0b: Use the internal VbusValid comparator
1b: Use the EXTVBUS input as for VbusValid signal.
Field Name
Bit
Default
Description
HostDisconnect Rise
0
1b
Generate an interrupt event notification when Hostdisconnect
changes from low to high. Applicable only in host mode.
VbusValid Rise
1
1b
Generate an interrupt event notification when Vbusvalid changes
from low to high.
SessValid Rise
2
1b
Generate an interrupt event notification when SessValid changes
from low to high.
SessEnd Rise
3
1b
Generate an interrupt event notification when SessEnd changes
from low to high.
IdGnd Rise
4
1b
Generate an interrupt event notification when IdGnd changes from
low to high.
Reserved
7:5
0h
Driven low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com