Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 35 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 35 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 31Page - Microchip Technology USB3300 Datasheet HTML 32Page - Microchip Technology USB3300 Datasheet HTML 33Page - Microchip Technology USB3300 Datasheet HTML 34Page - Microchip Technology USB3300 Datasheet HTML 35Page - Microchip Technology USB3300 Datasheet HTML 36Page - Microchip Technology USB3300 Datasheet HTML 37Page - Microchip Technology USB3300 Datasheet HTML 38Page - Microchip Technology USB3300 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
 2014-2015 Microchip Technology Inc.
DS00001783B-page 35
USB3300
For Host Applications the USB3300 implements the ULPI AutoResume bit in the Interface Control register. The default
AutoResume
state is 0 and this bit should be enabled for Host applications. For more details please see sections 7.1.77
and 7.9 of the USB specification.
6.4
Internal Regulators and POR
The USB3300 includes an integrated set of built in power management functions, including a POR generator. Internal
regulators enable the USB3300 to be powered from a single 3.3 volt power supply, thereby reducing the bill of materials
and simplifying product design.
6.4.1
INTERNAL REGULATORS
The USB3300 has two internal regulators that create two 1.8V outputs (labeled VDD1.8 and VDDA1.8) from the 3.3volt
power supply input (VDD3.3). Each regulator requires an external 4.7uF +/-20% low ESR bypass capacitor to ensure
stability. X5R or X7R ceramic capacitors are recommended since they exhibit an ESR lower that 0.1ohm at frequencies
greater than 10kHz.
6.4.2
POWER ON RESET (POR)
The USB3300 provides an internal POR circuit that generates a reset pulse once the PHY supplies are stable. This reset
will set all of the ULPI registers to their default values and start the PHY in normal operation. Cycling the 3.3 volt power
supply is the only method for the PHY to reset the ULPI registers to their default states. The Link can write the registers
to their default states at any time in normal operation.
The RESET pin has the same functionality as the RESET register in the Function Control Register.
6.5
USB On-The-Go (OTG) Module
The USB3300 provides support for USB OTG. OTG allows the USB3300 to be dynamically configured as a host or a
device depending on the type of cable inserted into the Mini-AB connector. When the Mini-A plug of a cable is inserted
into the Mini-AB connector, the USB device becomes the A-device. When a Mini-B plug is inserted, the device becomes
the B-device. The OTG A-device behaves similar to a Host while the B-device behaves similar to a peripheral. The dif-
ferences are covered in the OTG supplement.
The OTG Module meets all the requirements in the “On-The-Go Supplement to the USB 2.0 Specification”. In applica-
tions where only Host or Device is required, the OTG Module is unused.
Note:
The specific capacitor recommendations for each pin are detailed in Table 3-1, "USB3300 Pin Definitions
32-Pin QFN Package", and shown in FIGURE 7-1: USB3300 Application Diagram (Peripheral) on page 40.
The USB3300 regulators are designed to generate a 1.8 volt supply for the USB3300 only. Using the reg-
ulators to provide current for other circuits is not recommended and Microchip does not guarantee USB
performance or regulator stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com