Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 38 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 38 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 34Page - Microchip Technology USB3300 Datasheet HTML 35Page - Microchip Technology USB3300 Datasheet HTML 36Page - Microchip Technology USB3300 Datasheet HTML 37Page - Microchip Technology USB3300 Datasheet HTML 38Page - Microchip Technology USB3300 Datasheet HTML 39Page - Microchip Technology USB3300 Datasheet HTML 40Page - Microchip Technology USB3300 Datasheet HTML 41Page - Microchip Technology USB3300 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
USB3300
DS00001783B-page 38
 2014-2015 Microchip Technology Inc.
6.5.2.5
Vbus Input Impedance
The OTG Supplement requires an A-Device that supports Session request protocol to have an input impedance less
than 100kohm and greater the 40kohm to ground. In addition, if configured as a B-Device, the PHY cannot draw more
then 150uA from Vbus. The USB3300 provides a 75kΩ nominal resistance to ground which meets the above require-
ments, see Table 5-6.
6.5.3
DRIVING EXTERNAL VBUS
When a system is operating as a host, it is required to source 5 volts on VBUS. The USB3300 fully supports VBUS
power control using external devices. The USB3300 provides an active high control signal, CPEN, which is dedicated
to controlling the Vbus supply when configured as an A-Device. The USB3300 also supports external Vbus fault detec-
tion detailed in Section 6.5.4.
CPEN is asserted when the ULPI OTG Control register bit 5 DrvVbus or bit 6, DrvVbusExternal is set high. To be com-
patible with Link designs that support both internal and external Vbus supplies the DrvVbus and DrvVbusExternal bits
in the OTG Control Register are or’d together. This enables the Link to set either bit to access the external Vbus enable
(CPEN.) This logic is shown in Figure 6-10, "USB3300 On-the-Go Module". DrvVbus and DrvVbusExternal are set to 0
on POR.
6.5.4
EXTERNAL VBUS INDICATOR
The USB3300 has fully implemented the External Vbus detection described in the ULPI 1.1 specification. The block dia-
gram of the External Vbus detection is shown in Figure 6-10 and in Table 6-10.
Note 6-1
Microchip does not recommend using the ExternalVbus signal qualified with the internal VbusVld
comparator.
Note 6-2
A peripheral should not use VbusVld to begin operation. The peripheral should use SessVld because
the internal VbusVld threshold can be above the Vbus voltage required for USB peripheral operation.
A host PHY may use an active high or low fault by setting the IndicatorComplement bit [5] in the Interface Control reg-
ister. Also this implementation supports the IndicatorPassThru bit [6] in the Interface Control register, which allows a
choice of having the External Vbus input qualified (and’ed) with the external vbus comparator output. To use the External
Vbus Input the UseExternalVbusIndicator bit [7] must be set in the OTG control register. The default is not to use this
input.
The EXTVBUS pin has a built in pull down resistor that is controlled by the UseExternalVbusIndicator bit [7] of the OTG
control register. When UseExternalVbusIndicator is set to 0 (default) the pull down resistor is activated to prevent the
pin from floating when it is unused. When UseExternalVbusIndicator is set to 1 the pull down resistor is disconnected.
TABLE 6-10:
EXTERNAL VBUS INDICATOR LOGIC
Typical
Application
Use External
VBus Indicator
Indicator Pass
Thru
Indicator
Complement
RXCMD Vbus Valid
Encoding Source
OTG Device
0
X
X
Internal VbusVld comparator (Default)
1
1
0
External active high VbusVld signal
1
1
1
External active low VbusVld signal
1
0
0
External active high power fault signal
qualified with internal VbusVld comparator.
(Note 6-1)
1
0
1
External active low power fault signal
qualified with internal VbusVld comparator.
(Note 6-1)
Standard Host
1
1
0
External active high power fault signal
1
1
1
External active low power fault signal
Standard
Peripheral
0
X
X
Internal VbusVld comparator. This should
not be used by the Link. (Note 6-2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com