Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 7 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 3Page - Microchip Technology USB3300 Datasheet HTML 4Page - Microchip Technology USB3300 Datasheet HTML 5Page - Microchip Technology USB3300 Datasheet HTML 6Page - Microchip Technology USB3300 Datasheet HTML 7Page - Microchip Technology USB3300 Datasheet HTML 8Page - Microchip Technology USB3300 Datasheet HTML 9Page - Microchip Technology USB3300 Datasheet HTML 10Page - Microchip Technology USB3300 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
 2014-2015 Microchip Technology Inc.
DS00001783B-page 7
USB3300
3.0
PIN LAYOUT
The USB3300 is offered in a 32 pin QFN package (5 x 5 x 0.9mm). The pin definitions and locations are documented
below.
3.1
USB3300 Pin Diagram
The exposed flag of the QFN package must be connected to ground with a via array to the ground plane. This is the
main ground connection for the USB3300.
3.2
Pin Function
FIGURE 3-1:
USB3300 PIN DIAGRAM - TOP VIEW
TABLE 3-1:
USB3300 PIN DEFINITIONS 32-PIN QFN PACKAGE
Pin
Name
Direction,
Type
Active
Level
Description
1
GND
Ground
N/A
Ground
2
GND
Ground
N/A
Ground
3
CPEN
Output,
CMOS
High
External 5 volt supply enable. This pin is used to
enable the external Vbus power supply. The CPEN pin
is low on POR.
4
VBUS
I/O,
Analog
N/A
VBUS pin of the USB cable. The USB3300 uses this
pin for the Vbus comparator inputs and for Vbus
pulsing during session request protocol.
5
ID
Input,
Analog
N/A
ID pin of the USB cable. For non-OTG applications
this pin can be floated. For an A-Device ID = 0. For a
B-Device ID = 1.
GND
GND
CPEN
VBUS
ID
VDD3.3
DM
DP
DATA0
DATA7
DATA5
DATA6
DATA2
DATA3
DATA4
DATA1
USB3300
Hi-Speed USB2
ULPI PHY
32 Pin QFN
1
2
3
4
5
6
7
8
USB3300
Hi-Speed USB
ULPI PHY
32 Pin QFN
GND FLAG
24
23
22
21
20
19
18
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com