Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 1 Page - Microchip Technology

  USB3300 Datasheet HTML 1Page - Microchip Technology USB3300 Datasheet HTML 2Page - Microchip Technology USB3300 Datasheet HTML 3Page - Microchip Technology USB3300 Datasheet HTML 4Page - Microchip Technology USB3300 Datasheet HTML 5Page - Microchip Technology USB3300 Datasheet HTML 6Page - Microchip Technology USB3300 Datasheet HTML 7Page - Microchip Technology USB3300 Datasheet HTML 8Page - Microchip Technology USB3300 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
 2014-2015 Microchip Technology Inc.
DS00001783B-page 1
Product Features
• USB-IF Hi-Speed certified to the Universal Serial
Bus Specification Rev 2.0
• Interface compliant with the ULPI Specification
revision 1.1 in 8-bit mode
• Industry standard UTMI+ Low Pin Interface (ULPI)
Converts 54 UTMI+ signals into a standard 12 pin
Link controller interface
• 54.7mA Unconfigured Current (typical) - ideal for
bus powered applications
• 83uA suspend current (typical) - ideal for battery
powered applications
• Latch-Up performance exceeds 150 mA per EIA/
JESD 78, Class II
• ESD protection levels of ±8kV HBM without exter-
nal protection devices
• Integrated protection to withstand IEC61000-4-2
ESD tests (±8kV contact and ±15kV air) per 3rd
party test facility
• Supports FS pre-amble for FS hubs with a LS
device attached (UTMI+ Level 3)
• Supports HS SOF and LS keep-alive pulse
• Includes full support for the optional On-The-Go
(OTG) protocol detailed in the On-The-Go Sup-
plement Revision 1.0a specification
• Supports the OTG Host Negotiation Protocol
(HNP) and Session Request Protocol (SRP)
• Allows host to turn VBUS off to conserve battery
power in OTG applications
• Supports OTG monitoring of VBUS levels with
internal comparators. Includes support for an
external VBUS or fault monitor.
• Low Latency Hi-Speed Receiver (43 Hi-Speed
clocks Max) allows use of legacy UTMI Links with
a ULPI wrapper
• Integrated Pull-up resistor on STP for interface
protection allows a reliable Link/PHY start-up with
slow Links (software configured for low power)
• Internal 1.8 volt regulators allow operation from a
single 3.3 volt supply
• Internal short circuit protection of ID, DP and DM
lines to VBUS or ground
• Integrated 24MHz Crystal Oscillator supports
either crystal operation or 24MHz external clock
input
• Internal PLL for 480MHz Hi-Speed USB operation
• Industrial Operating Temperature -40
°C to +85°C
• 32 pin, QFN RoHS Compliant package
(5 x 5 x 0.90 mm height)
Applications
The USB3300 is the ideal companion to any ASIC, SoC
or FPGA solution designed with a ULPI Hi-Speed USB
host, peripheral or OTG core.
The USB3300 is well suited for:
• Cell Phones
•PDAs
• MP3 Players
• Scanners
• External Hard Drives
• Digital Still and Video Cameras
• Portable Media Players
• Printers
USB3300
Hi-Speed USB Host, Device or OTG PHY with
ULPI Low Pin Interface


Similar Part No. - USB3300

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3300 SMSC-USB3300 Datasheet
344Kb / 11P
HI SPEED USB HOST OR DEVICE PHY WITH ULPI LOW PIN INTERFACE
USB3300 SMSC-USB3300 Datasheet
719Kb / 49P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
USB3300 SMSC-USB3300 Datasheet
960Kb / 55P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
USB3300-EZK SMSC-USB3300-EZK Datasheet
344Kb / 11P
HI SPEED USB HOST OR DEVICE PHY WITH ULPI LOW PIN INTERFACE
USB3300-EZK SMSC-USB3300-EZK Datasheet
719Kb / 49P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
More results

Similar Description - USB3300

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3300 SMSC-USB3300 Datasheet
344Kb / 11P
HI SPEED USB HOST OR DEVICE PHY WITH ULPI LOW PIN INTERFACE
USB3450 SMSC-USB3450 Datasheet
1Mb / 40P
HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
USB3280 SMSC-USB3280 Datasheet
977Kb / 42P
Hi-Speed USB Device PHY with UTMI Interface
USB3300 SMSC-USB3300_06 Datasheet
719Kb / 49P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
USB3500 SMSC-USB3500 Datasheet
749Kb / 46P
Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
USB3300 SMSC-USB3300_07 Datasheet
960Kb / 55P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
logo
Microchip Technology
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
USB3500 MICROCHIP-USB3500 Datasheet
792Kb / 45P
Hi-Speed USB Host, Device or OTG PHY
07/14/15
USB3450 MICROCHIP-USB3450 Datasheet
740Kb / 39P
Hi-Speed USB Host or Device PHY With UTMI Interface
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com