Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 48 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 48 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 44Page - Microchip Technology USB3300 Datasheet HTML 45Page - Microchip Technology USB3300 Datasheet HTML 46Page - Microchip Technology USB3300 Datasheet HTML 47Page - Microchip Technology USB3300 Datasheet HTML 48Page - Microchip Technology USB3300 Datasheet HTML 49Page - Microchip Technology USB3300 Datasheet HTML 50Page - Microchip Technology USB3300 Datasheet HTML 51Page - Microchip Technology USB3300 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
USB3300
DS00001783B-page 48
 2014-2015 Microchip Technology Inc.
APPENDIX A:
DATA SHEET REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision
Section/Figure/Entry
Correction
DS00001783B (06-03-15)
Section , "Product Identifica-
tion System," on page 51
Updated ordering code temperature information.
DS00001783A (07-08-14)
Replaces previous SMSC version Rev. 1.1 (01-24-13)
Document converted to Microchip template
Reel drawings and mention of reel quantity removed from Package Outline chapter.
Rev. 1.1
(01-24-13)
Section 5.1, "Piezoelectric
Resonator for Internal
Oscillator," on page 15
Added section.
Rev. 1.08
(11-07-07)
Table 3-1, "USB3300 Pin
Definitions 32-Pin QFN
Package"
Description for Pins 15, 26, 29 and 31 modified.
Rev. 1.08
(10-25-07)
Table 3-1, "USB3300 Pin
Definitions 32-Pin QFN
Package"
Description for “REG_EN” (pin 31) modified.
Rev. 1.07
(09-26-07)
Section 7.4, "ESD
Performance"
Added last sentence warning against multiplexing
digital I/O signals.
Rev. 1.07
(09-26-07)
Figure 7-2, "USB3300
Application Diagram (Host or
OTG)" and Figure 7-3,
"USB3300 Application
Diagram (Peripheral with
Over Voltage Protection)"
Added information on RVBUS.
Rev. 1.07
(09-25-07)
Application Notes on page 39
and Figure 7-1, "USB3300
Application Diagram
(Peripheral)"
Changed to include information on RVBUS.
Rev. 1.07
(09-20-07)
Table 3-1, "USB3300 Pin
Definitions 32-Pin QFN
Package"
Changed description of RESET.
Rev. 1.07
(09-20-07)
Added Tape & Reel PN and drawings.
Rev. 1.06
(05-07-07)
“USB2.0” changed to “USB 2.0”
Rev. 1.06
(07-19-06)
Applications
First sentence modified from: “The USB3300 is
targeted for any application where a Hi-Speed USB
connection is desired and when board space and
interface pins must be minimized.”
To: “The USB3300 is the ideal companion to any
ASIC, SoC or FPGA solution designed with a ULPI
Hi-Speed USB host, peripheral or OTG core.”
Rev. 1.06
(07-18-06)
Applications
Added “PDAs”, removed “Entertainment Devices”,
added “Digital” to “Still and Video Games”.
Rev. 1.06
(07-18-06)
Features
Moved “Applications” to cover; re-ordered several
features.
Rev. 1.06
(07-17-06)
Features and General
Description on page 4
Referenced Industrial Operating Temperature.
Table 4-1, "Maximum
Guaranteed Ratings"
Changed Operating Temperature from “0 to 70” to “-
40 to 85”
Table 4-2, "Recommended
Operating Conditions"
Changed Operating Temperature from “0 to 70” to “-
40 to 85”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com