Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 17 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 17 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 13Page - Microchip Technology USB3300 Datasheet HTML 14Page - Microchip Technology USB3300 Datasheet HTML 15Page - Microchip Technology USB3300 Datasheet HTML 16Page - Microchip Technology USB3300 Datasheet HTML 17Page - Microchip Technology USB3300 Datasheet HTML 18Page - Microchip Technology USB3300 Datasheet HTML 19Page - Microchip Technology USB3300 Datasheet HTML 20Page - Microchip Technology USB3300 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
2014-2015 Microchip Technology Inc.
DS00001783B-page 17
USB3300
RxEndDelay maximum allowed by the UTMI+/ULPI for 8-bit data is 63 high speed clocks. USB3300 uses a low latency
high speed receiver path to lower the RxEndDelay to 43 high speed clocks. This low latency design gives the Link more
cycles to make decisions and reduces the Link complexity. This is the result of the “wrapper less” architecture of the
USB3300. This low RxEndDelay should allow legacy UTMI Links to use a “wrapper” to convert the UTMI+ interface to
a ULPI interface.
In Figure 6-2, "ULPI Digital Block Diagram", a single ULPI Protocol Block decodes the ULPI 8-bit bi-directional bus when
the Link addresses the PHY. The Link must use the DIR output to determine direction of the ULPI data bus. The
USB3300 is the “bus arbitrator”. The ULPI Protocol Block will route data/commands to the transmitter or the ULPI reg-
ister array.
FIGURE 6-2:
ULPI DIGITAL BLOCK DIAGRAM
Data[7:0]
Interrupt
Control
High Speed TX
Full Speed TX
Low Speed TX
High Speed Data
Recovery
Full / Low Speed
Data Recovery
ULPI Protocol
Block
6pinSerial Mode
XcvrSelect[1:0]
TermSelect
OpMode[1:0]
Reset
SuspendM
3pinSerial Mode
ClockSuspendM
AutoResume
Indicator Complement
Indicator Pass Thru
Interface Protect Disable
IdPullUp
DpPulldown
DmPulldown
DischrgVbus
ChrgVbus
DrvVbus
DrvVbusExternal
UseExternal Vbus Indicator
InterruptEnable Rise[4:0]
InterruptEnableFall[4:0]
InterruptStatus[4:0]
InterruptLatch[4:0]
Linestates[1:0]
VbusValid
SessionValid
SessionEnd
HS Tx Data
FS/LS Tx Data
HS RX Data
FS/LS Data
NOTE:
The USB3300 uses
a wrapperless ULPI
interface.
DIR
NXT
STP
Tx Data
Rx Data
POR
ULPI Register
Array
HostDisconnect
IdGnd
To OTG
Module
Transceiver
Control
Module
To USB
Transceiver
From OTG
Module
To USB
Transceiver
RXD CMD
From USB
Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com