Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 44 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 44 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 40Page - Microchip Technology USB3300 Datasheet HTML 41Page - Microchip Technology USB3300 Datasheet HTML 42Page - Microchip Technology USB3300 Datasheet HTML 43Page - Microchip Technology USB3300 Datasheet HTML 44Page - Microchip Technology USB3300 Datasheet HTML 45Page - Microchip Technology USB3300 Datasheet HTML 46Page - Microchip Technology USB3300 Datasheet HTML 47Page - Microchip Technology USB3300 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
USB3300
DS00001783B-page 44
 2014-2015 Microchip Technology Inc.
7.4.2
IEC61000-4-2 PERFORMANCE
The IEC61000-4-2 ESD specification is an international standard that addresses system-level immunity to ESD strikes
while the end equipment is operational. In contrast, the HBM ESD tests are performed at the device level with the device
powered down.
Microchip contracts with independent laboratories to test the USB3300 to IEC61000-4-2 in a working system. Reports
are available upon request. Please contact your Microchip representative, and request information on 3rd party ESD
test results. The reports show that systems designed with the USB3300 can safely dissipate ±15kV air discharges and
±8kV contact discharges per the IEC61000-4-2 specification without additional board level protection.
Both air discharge and contact discharge test techniques for applying stress conditions are defined by the IEC61000-4-
2 ESD document.
7.4.2.1
Air Discharge
To perform this test, a charged electrode is moved close to the system being tested until a spark is generated. This test
is difficult to reproduce because the discharge is influenced by such factors as humidity, the speed of approach of the
electrode, and construction of the test equipment.
7.4.2.2
Contact Discharge
The uncharged electrode first contacts the pin to prepare this test, and then the probe tip is energized. This yields more
repeatable results, and is the preferred test method. The independent test laboratories contracted by Microchip provide
test results for both types of discharge methods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com