Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 34Page - Texas Instruments TUSB3410 Datasheet HTML 35Page - Texas Instruments TUSB3410 Datasheet HTML 36Page - Texas Instruments TUSB3410 Datasheet HTML 37Page - Texas Instruments TUSB3410 Datasheet HTML 38Page - Texas Instruments TUSB3410 Datasheet HTML 39Page - Texas Instruments TUSB3410 Datasheet HTML 40Page - Texas Instruments TUSB3410 Datasheet HTML 41Page - Texas Instruments TUSB3410 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
5–6
5.1.10 SERNUM4: Device Serial Number Register (Byte 4) (Addr:FFEC)
The device serial number register utilizes (mirrors) this unique 64-bit serial die id number.
After power-up reset, this read-only register (SERNUM4) contains byte 4 of the complete 64-bit device serial number.
The USB reset cannot reset this register.
765
4
3
2
1
0
D39
D38
D37
D36
D35
D34
D33
D32
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
7–0
D[7:0]
Device serial number byte 4 value
Device serial number byte 4 value
NOTE: See the same procedure described in SERNUM7 register for procedure to load device serial number into the shared RAM.
5.1.11 SERNUM3: Device Serial Number Register (Byte 3) (Addr:FFEB)
The device serial number register utilizes (mirrors) this unique 64-bit serial die id number.
After power-up reset, this read-only register (SERNUM3) contains byte 3 of the complete 64-bit device serial number.
The USB reset cannot reset this register.
765
4
3
2
1
0
D31
D30
D29
D28
D27
D26
D25
D24
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
7–0
D[7:0]
Device serial number byte 3 value
Device serial number byte 3 value
NOTE: See the same procedure described in SERNUM7 register for procedure to load device serial number into the shared RAM.
5.1.12 SERNUM2: Device Serial Number Register (Byte 2) (Addr:FFEA)
The device serial number register utilizes (mirrors) this unique 64-bit serial die id number.
After power-up reset, this read-only register (SERNUM2) contains byte 2 of the complete 64-bit device serial number.
The USB reset cannot reset this register.
765
4
3
2
1
0
D23
D22
D21
D20
D19
D18
D17
D16
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
7–0
D[7:0]
0
Device serial number byte 2 value
NOTE: See the same procedure described in SERNUM7 register for procedure to load device serial number into the shared RAM.
5.1.13 SERNUM1: Device Serial Number Register (Byte 1) (Addr:FFE9)
The device serial number register utilizes (mirrors) this unique 64-bit serial die id number.
After power-up reset, this read-only register (SERNUM1) contains byte 1 of the complete 64-bit device serial number.
The USB reset cannot reset this register.
765
4
3
2
1
0
D15
D14
D13
D12
D11
D10
D9
D8
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
7–0
D[7:0]
Device serial number byte 1 value
Device serial number byte 1 value
NOTE: See the same procedure described in SERNUM7 register for procedure to load device serial number into the shared RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com