Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 77Page - Texas Instruments TUSB3410 Datasheet HTML 78Page - Texas Instruments TUSB3410 Datasheet HTML 79Page - Texas Instruments TUSB3410 Datasheet HTML 80Page - Texas Instruments TUSB3410 Datasheet HTML 81Page - Texas Instruments TUSB3410 Datasheet HTML 82Page - Texas Instruments TUSB3410 Datasheet HTML 83Page - Texas Instruments TUSB3410 Datasheet HTML 84Page - Texas Instruments TUSB3410 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
11–11
11.8 Built-In Vendor Specific USB Requests
The bootcode supports several vendor specific USB requests. These requests are primarily for internal testing only.
These functions should not be used in normal operation.
11.8.1 Reboot
The reboot command forces the bootcode to reboot. The bootcode starts over.
bmRequestType
USB_REQ_TYPE_DEVICE |
USB_REQ_TYPE_VENDOR |
USB_REQ_TYPE_OUT
01000000b
bRequest
BTC_REBOOT
0x85
wValue
None
0x0000
wIndex
None
0x0000
wLength
None
0x0000
Data
None
11.8.2 Force Execute Firmware
The force execute firmware command requests the bootcode to execute the downloaded firmware unconditionally.
bmRequestType
USB_REQ_TYPE_DEVICE |
USB_REQ_TYPE_VENDOR |
USB_REQ_TYPE_OUT
01000000b
bRequest
BTC_FORCE_EXECUTE_FIRMWARE
0x8F
wValue
None
0x0000
wIndex
None
0x0000
wLength
None
0x0000
Data
None
11.8.3 External Memory Read
The bootcode returns the content of the specified address.
bmRequestType
USB_REQ_TYPE_DEVICE |
USB_REQ_TYPE_VENDOR |
USB_REQ_TYPE_IN
11000000b
bRequest
BTC_EXETERNAL_MEMORY_READ
0x90
wValue
None
0x0000
wIndex
Data address
0xNNNN (From 0x0000 to 0xFFFF)
wLength
1 byte
0x0001
Data
Byte in the specified address
0xNN
11.8.4 External Memory Write
The external memory write command tells the bootcode to write data to the specified address.
bmRequestType
USB_REQ_TYPE_DEVICE |
USB_REQ_TYPE_VENDOR |
USB_REQ_TYPE_OUT
01000000b
bRequest
BTC_EXETERNAL_MEMORY_WRITE
0x91
wValue
HI: 0x00
LO: Data
0x00NN
wIndex
Data address
0xNNNN (From 0x0000 to 0xFFFF)
wLength
None
0x0000
Data
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com