Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 41Page - Texas Instruments TUSB3410 Datasheet HTML 42Page - Texas Instruments TUSB3410 Datasheet HTML 43Page - Texas Instruments TUSB3410 Datasheet HTML 44Page - Texas Instruments TUSB3410 Datasheet HTML 45Page - Texas Instruments TUSB3410 Datasheet HTML 46Page - Texas Instruments TUSB3410 Datasheet HTML 47Page - Texas Instruments TUSB3410 Datasheet HTML 48Page - Texas Instruments TUSB3410 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
6–5
6.1.4
DMACSR3: DMA Control And Status Register (UART Receive Channel) (Addr:FFE5)
This register is used to define the transaction time-out value. In addition, it contains a completion code that reports
any errors or a time-out condition.
765
4
3
2
1
0
TEN
C4
C3
C2
C1
C0
TXFT
OVRUN
R/W
R/W
R/W
R/W
R/W
R/W
R/C
R/C
BIT
NAME
RESET
FUNCTION
0
OVRUN
0
Overrun condition bit. This bit is set by DMA and cleared by the MCU (see Table 6–3)
OVRUN = 0
No overrun condition
OVRUN = 1
Overrun condition detected. When IEN = 0, this bit does not clear the EN bit in DMACDR;
therefore, the DMAC stays enabled, ready for the next transaction. Clears when the MCU writes
a 1. Writing a 0 has no effect.
1
TXFT
0
Transfer time-out condition bit (see Table 6–3)
TXFT = 0
DMA stopped transfer without time-out
TXFT =1
DMA stopped due to transaction time-out. When IEN = 0, this bit does not clear the EN bit in
DMACDR; therefore, the DMAC stays enabled, ready for the next transaction. Clears when the
MCU writes a 1. Writing a 0 has no effect.
6–2
C[4:0]
00000b
This field is used to define the transaction time-out value in 1-ms increments. This value is loaded to a down
counter every time a byte transfer occurs. The down counter is decremented every SOF pulse (1 ms). If the
counter decrements to zero it sets TXFT = 1 (in DMACSR register) and halts the DMA transfer. The counter starts
counting only when TEN = 1 and EN = 1 (in DMACDR) and the first byte has been received (see Figure 6–1).
00000 = 0-ms time-out
:
:
11111 = 31-ms time-out
7
TEN
0
Transaction time-out counter enable/disable bit
TEN = 0
TEN = 1
Counter is disabled (does not time-out)
Counter is enabled
Table 6–3. DMA IN-Termination Condition
IN TERMINATION
TXFT
OVRUN
COMMENTS
UART error
0
0
UART error condition detected
UART partial packet
1
0
This condition occurs when UART receiver has no more data for the host (data
starvation).
UART overrun
1
1
This condition occurs when X- and Y-input buffers are full and the UART FIFO is full (host
is busy).
6.2
Bulk Data I/O Using the EDB
The UBM (USB buffer manager) and the DMAC (DMA controller) access the EDB to fetch buffer parameters for IN
and OUT transactions (IN and OUT are with respect to host). In this discussion, it is assumed that (a) the MCU
initialized the EDBs, (b) DMA-continuous mode is being used, (c) double buffering is being used, and (d) the X/Y
toggle is controlled by the UBM.
NOTE: The IN and OUT transfers apply to UART.
6.2.1
IN Transaction (TUSB3410 to Host)
1.
The MCU initializes the IEDB (64-byte packet, and double buffering is used) and the following DMA
registers:
•
DMACSR: Defines the transaction time-out value.
•
DMACDR: Defines the IEDB being used and the DMA mode of operation (continuous mode). Once this
register is set with EN = 1, the transfer starts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com