Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 58Page - Texas Instruments TUSB3410 Datasheet HTML 59Page - Texas Instruments TUSB3410 Datasheet HTML 60Page - Texas Instruments TUSB3410 Datasheet HTML 61Page - Texas Instruments TUSB3410 Datasheet HTML 62Page - Texas Instruments TUSB3410 Datasheet HTML 63Page - Texas Instruments TUSB3410 Datasheet HTML 64Page - Texas Instruments TUSB3410 Datasheet HTML 65Page - Texas Instruments TUSB3410 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
9–2
9.1.3
VECINT: Vector Interrupt Register (Addr:FF92)
This register contains a vector value, which identifies the internal interrupt source that trapped to location 0003H.
Writing (any value) to this register removes the vector and updates the next vector value (if another interrupt is
pending). Note: the vector value is offset; therefore, its value is in increments of two (bit 0 is set to 0). When no interrupt
is pending, the vector is set to 00h (see Table 9–2). As shown, the interrupt vector is divided to two fields: I[2:0] and
G[3:0]. The I field defines the interrupt source within a group (on a first-come-first-served basis). In the G field, which
defines the group number, group G0 is the lowest, and G15 is the highest priority.
765
4
3
2
1
0
G3
G2
G1
G0
I2
I1
I0
0
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
3–1
I[2:0]
0H
This field defines the interrupt source in a given group. See Table 9–2. Bit 0 = 0 always; therefore, vector values
are offset by two.
7–4
G[3:0]
0H
This field defines the interrupt group. I[2:0] and G[3:0] combine to produce the actual interrupt vector.
Table 9–2. Vector Interrupt Values
G[3:0]
(Hex)
I[2:0]
(Hex)
VECTOR
(Hex)
INTERRUPT SOURCE
0
0
00
No interrupt
1
0
10
Not used
1
1
1
1
2
3
12
14
16
Output endpoint-1
Output endpoint-2
Output endpoint-3
2
0
20
Not used
2
2
2
3
3
3
3
3
3
3
3
1
2
3
0
1
2
3
4
5
6
7
22
24
26
30
32
34
36
38
3A
3C
3E
Input endpoint-1
Input endpoint-2
Input endpoint-3
STPOW packet received
SETUP packet received
RESERVED
RESERVED
RESR interrupt
SUSR interrupt
RSTR interrupt
Reserved
4
4
4
4
0
1
2
3
40
42
44
46
I2C TXE interrupt
I2C RXF interrupt
Input endpoint-0
Output endpoint-0
4
4–7
48
→ 4E
Not used
5
5
5
0
1
4–7
50
52
58
→ 5E
UART status interrupt
UART modem interrupt
Not used
6
6
6
7
0
1
4–7
5–7
60
62
68
→ 6E
70
→ 7E
UART RXF interrupt
UART TXE interrupt
Not used
Not used
8
8
8
0
2
5–7
80
84
88–8E
DMA1 interrupt
DMA3 interrupt
Not used
9–15
X
90
→ FE
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com