Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 90 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 84Page - Texas Instruments TUSB3410 Datasheet HTML 85Page - Texas Instruments TUSB3410 Datasheet HTML 86Page - Texas Instruments TUSB3410 Datasheet HTML 87Page - Texas Instruments TUSB3410 Datasheet HTML 88Page - Texas Instruments TUSB3410 Datasheet HTML 89Page - Texas Instruments TUSB3410 Datasheet HTML 90Page - Texas Instruments TUSB3410 Datasheet HTML 91Page - Texas Instruments TUSB3410 Datasheet HTML 92Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 90 / 92 page
background image
13–2
TUSB3410
SUSPEND
D1
VREGEN
RESET
R2
32 k
Ω
C1
1
µF
3.3 V
R1
15 k
Ω
Figure 13–2. External Circuit
13.3 Wakeup Timing From WAKEUP or RI Pin
The TUSB3410 can be brought out of the suspended state, or woken up, by a command from the host. The TUSB3410
also supports remote wakeup and can be awakened by either of two input signals. A low pulse on the WAKEUP pin
or a low-to-high transition on the RI pin wakes the device up. Note that for reliable operation, either condition must
persist for approximately 3 ms minimum. This allows time for the crystal to power up since in the suspend mode the
crystal interface is powered down. The state of the WAKEUP or RI pin is then sampled by the clock to verify there
was a valid wakeup event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com