Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 32Page - Texas Instruments TUSB3410 Datasheet HTML 33Page - Texas Instruments TUSB3410 Datasheet HTML 34Page - Texas Instruments TUSB3410 Datasheet HTML 35Page - Texas Instruments TUSB3410 Datasheet HTML 36Page - Texas Instruments TUSB3410 Datasheet HTML 37Page - Texas Instruments TUSB3410 Datasheet HTML 38Page - Texas Instruments TUSB3410 Datasheet HTML 39Page - Texas Instruments TUSB3410 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
5–4
5.1.5
MODECNFG: Mode Configuration Register (Addr:FFFB)
This register is cleared by the power-up reset signal only. The USB reset cannot reset this register.
765
4
3
2
1
0
RSV
RSV
RSV
RSV
CLKSLCT
CLKOUTEN
SOFTSW
TXCNTL
R/O
R/O
R/O
R/O
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
TXCNTL
0
Transmit output control: Hardware or firmware switching select for 3-state serial output buffer.
TXCNTL = 0
TXCNTL = 1
Hardware automatic switching is selected
Firmware toggle switching is selected
1
SOFTSW
0
Soft switch: Firmware controllable 3-state output buffer enable for serial output pin.
SOFTSW = 0
SOFTSW = 1
Serial output buffer is enabled
Serial output buffer is disabled
2
CLKOUTEN
0
Clock output enable: Enable/disable the clock output at CLKOUT terminal.
CLKOUTEN = 0
CLKOUTEN = 1
Clock output is disabled. Device drives low at CLKOUT terminal.
Clock output is enabled
3
CLKSLCT
0
Clock output source select: Select between 3.556-MHz fixed clock or UART baud out clock as output
clock source.
CLKSLCT = 0
CLKSLCT = 1
UART baud out clock is selected as clock output
Fixed 3.556-MHz free running clock is selected as clock output
4–7
RSV
0
Reserved
Clock Output Control
The CLKOUTEN bit in the Mode Configuration Register (MODECNFG) is used to enable or disable the clock output
at the CLKOUT terminal of the TUSB3410. The power up default of CLKOUT is disabled to ensure the clock is not
applied to the smart card until it is powered. Firmware can write a 1 to enable the clock output if needed.
The CLKSLCT bit in the MODECNFG register is used to select the output clock source from either a fixed 3.556-MHz
free-running clock or the UART BaudOut clock.
5.1.6
Vendor ID/Product ID
USB–IF and Microsoft WHQL certification requires that end equipment makers use their own unique vendor ID and
product ID for each product (model). OEMs cannot use silicon vendor’s (for instance, TI’s default) VID/PID in their
end products. A unique VID/PID combination will avoid potential driver conflicts and enable logo certification. See
www.usb.org for more information.
5.1.7
SERNUM7: Device Serial Number Register (Byte 7) (Addr:FFEF)
Each TUSB3410 chip has a unique 64-bit serial die id number, which is generated during manufacturing. The die id
is incremented sequentially, however there is no assurance without skip in the die id number. The device serial
number register utilizes (mirrors) this unique 64-bit serial die id number.
After power-up reset, this read-only register (SERNUM7) contains the most significant byte (byte 7) of the complete
64-bit device serial number. The USB reset cannot reset this register.
765
4
3
2
1
0
D63
D62
D61
D60
D59
D58
D57
D56
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
7–0
D[7:0]
Device serial number byte 7 value
Device serial number byte 7 value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com