Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 81Page - Texas Instruments TUSB3410 Datasheet HTML 82Page - Texas Instruments TUSB3410 Datasheet HTML 83Page - Texas Instruments TUSB3410 Datasheet HTML 84Page - Texas Instruments TUSB3410 Datasheet HTML 85Page - Texas Instruments TUSB3410 Datasheet HTML 86Page - Texas Instruments TUSB3410 Datasheet HTML 87Page - Texas Instruments TUSB3410 Datasheet HTML 88Page - Texas Instruments TUSB3410 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
11–15
11.9.1.2 Interrupt Handling Routine
The higher-vector number has a higher priority than the lower-vector number. Table 11–11 lists all the interrupts and
source of interrupts.
Table 11–11. Vector Interrupt Values and Sources
G[3:0]
(Hex)
I[2:0]
(Hex)
VECTOR
(Hex)
INTERRUPT SOURCE
INTERRUPT SOURCE SHOULD BE
CLEARED
0
0
00
No Interrupt
No Source
1
1
10
Output–endpoint–1
VECINT register
1
2
12
Output–endpoint–2
VECINT register
1
3
14
Output–endpoint–3
VECINT register
1
4
16
Output–endpoint–4
VECINT register
2
4–7
18
→1E
NOT USED
2
1
20
Input–endpoint–1
VECINT register
2
2
22
Input–endpoint–2
VECINT register
2
3
24
Input–endpoint–3
VECINT register
2
4
26
Input–endpoint–4
VECINT register
2
4–7
28
→2E
NOT USED
3
0
30
STPOW packet received
USBSTA/ VECINT registers
3
1
32
SETUP packet received
USBSTA/ VECINT registers
3
2
34
PSOF interrupt
USBSTA/ VECINT registers
3
3
36
RESR interrupt
USBSTA/ VECINT registers
3
4
38
FSPR interrupt
USBSTA/ VECINT registers
3
5
3A
RTSR interrupt
USBSTA/ VECINT registers
3
6
3C
HSTL interrupt
USBSTA/ VECINT registers
3
7
3E
NOT USED
4
0
40
I2C TXE interrupt
VECINT register
4
1
42
I2C TXE interrupt
VECINT register
4
2
44
Input–endpoint–0
VECINT register
4
3
46
Output–endpoint–0
VECINT register
4
4–7
48
→4E
NOT USED
5
0
50
UART1 status interrupt
LSR/VECNT register
5
1
52
UART1 modern interrupt
LSR/VECINT register
5
3–7
54
→5E
NOT USED
6
0
60
UART1 RXF interrupt
LSR/VECNT register
6
1
62
UART1 TXE interrupt
LSR/VECINT register
6
2–7
64
→6E
NOT USED
7
0–7
70
→7E
NOT USED
8
0
80
DMA1 interrupt
DMACSR/VECNT register
8
1
82
NOT USED
8
2
84
DMA3 interrupt
DMACSR/VECNT register
8
3–7
86
→7E
NOT USED
9–15
0–7
90
→FE
NOT USED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com