Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 8Page - Texas Instruments TUSB3410 Datasheet HTML 9Page - Texas Instruments TUSB3410 Datasheet HTML 10Page - Texas Instruments TUSB3410 Datasheet HTML 11Page - Texas Instruments TUSB3410 Datasheet HTML 12Page - Texas Instruments TUSB3410 Datasheet HTML 13Page - Texas Instruments TUSB3410 Datasheet HTML 14Page - Texas Instruments TUSB3410 Datasheet HTML 15Page - Texas Instruments TUSB3410 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 92 page
background image
1–2
8052
Core
Clock
Oscillator
12 MHz
PLL
and
Dividers
10K
× 8
ROM
8
8
2
× 16-Bit
Timers
16K
× 8
RAM
8
8
4
Port 3
2K
× 8
SRAM
8
8
I2C
Controller
8
UART–1
CPU-I/F
Susp./Res.
8
UBM
USB Buffer
Manager
8
8
USB
SIE
USB
TxR
TDM
Control
Logic
P3.(4, 3,1,0)
I2C Bus
DP, DM
8
DMA-1
DMA-3
RTS
CTS
DTR
DSR
M
U
X
IR
Encoder
SOUT/IR_SO
M
U
X
IR
Encoder
SIN/IR_SIN
24 MHz
SIN
SOUT
Figure 1–2. USB-to-Serial (Single Channel) Controller Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com