Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 69Page - Texas Instruments TUSB3410 Datasheet HTML 70Page - Texas Instruments TUSB3410 Datasheet HTML 71Page - Texas Instruments TUSB3410 Datasheet HTML 72Page - Texas Instruments TUSB3410 Datasheet HTML 73Page - Texas Instruments TUSB3410 Datasheet HTML 74Page - Texas Instruments TUSB3410 Datasheet HTML 75Page - Texas Instruments TUSB3410 Datasheet HTML 76Page - Texas Instruments TUSB3410 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
11–3
11.3.1 Device Descriptor
Device descriptor describes the USB version that the device supports, device class, protocol, vendor, product
identifications, strings, and number of configuration. The OS (operation system like Windows, MAC, or Linux) reads
this descriptor to decide which device driver should be used to communicate to this device.
The bootcode uses 0x0451(Texas Instruments) as vendor ID and 0x3410(TUSB3410) as product ID. It also supports
three different strings and one configuration. Table 11–1 lists the device descriptor.
Table 11–1. Device Descriptor
OFFSET
FIELD
SIZE
VALUE
DESCRIPTION
0
bLength
1
0x12
Size of this descriptor in bytes
1
bDescriptorType
1
1
Device Descriptor type
2
bcdUSB
2
0x0110
USB spec 1.1
4
bDeviceClass
1
0xFF
Device class is vendor–specific
5
bDeviceSubClass
1
0
We have no subclasses.
6
bDeviceProtocol
1
0
We use no protocols.
7
bMaxPacketSize0
1
8
Max. packet size for endpoint zero
8
idVendor
2
0x0451
USB–assigned vendor ID = TI
10
idProduct
2
0x3410
TI part number = TUSB3410
12
bcdDevice
2
0x100
Device release number = 1.0
14
iManufacturer
1
1
Index of string descriptor describing manufacturer
15
iProducct
1
2
Index of string descriptor describing product
16
iSerialNumber
1
3
Index of string descriptor describing device’s serial number
17
bNumConfigurations
1
1
Number of possible configurations:
11.3.2 Configuration Descriptor
The configuration descriptor describes the number of interfaces supported by this configuration, power configuration,
and current consumption.
The bootcode declares only one interface running in bus-powered mode. It consumes up to 100 mA at boot time.
Table 11–2 lists the configuration descriptor.
Table 11–2. Configuration Descriptor
OFFSET
FIELD
SIZE
VALUE
DESCRIPTION
0
bLength
1
9
Size of this descriptor in bytes.
1
bDescriptor Type
1
2
Configuration descriptor type
2
wTotalLength
2
25 = 9 + 9 + 7
Total length of data returned for this configuration. Includes the combined length
of
all
descriptors
(configuration,
interface,
endpoint,
and
class-
or
vendor-specific) returned for this configuration.
4
bNumInterfaces
1
1
Number of interfaces supported by this configuration
5
bConfigurationValue
1
1
Value to use as an argument to the SetConfiguration() request to select this
configuration.
6
iConfiguration
1
0
Index of string descriptor describing this configuration.
7
bmAttributes
1
0x80
Configuration characteristics
D7:
Reserved (set to one)
D6:
Self-powered
D5:
Remote wakeup is supported
D4–0:
Reserved (reset to zero)
8
bMaxPower
1
0x32
This device consumes 100 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com