Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 87 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 83Page - Texas Instruments TUSB3410 Datasheet HTML 84Page - Texas Instruments TUSB3410 Datasheet HTML 85Page - Texas Instruments TUSB3410 Datasheet HTML 86Page - Texas Instruments TUSB3410 Datasheet HTML 87Page - Texas Instruments TUSB3410 Datasheet HTML 88Page - Texas Instruments TUSB3410 Datasheet HTML 89Page - Texas Instruments TUSB3410 Datasheet HTML 90Page - Texas Instruments TUSB3410 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
12–1
12 Electrical Specifications
12.1 Absolute Maximum Ratings†
Supply voltage, VCC
–0.5 V to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
12.2 Commercial Operating Condition (3.3 V)
PARAMETER
MIN
TYP
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VI
Input voltage
0
VCC
V
V
High level input voltage
TTL
2
VCC
V
VIH
High-level input voltage
CMOS
0.7
× VCC
VCC
V
V
Low level input voltage
TTL
0
0.8
V
VIL
Low-level input voltage
CMOS
0
0.2
× VCC
V
TA
Operating temperature
0
70
°C
12.3 Electrical Characteristics TA = 25°C, VCC = 3.3 V ±5%, VSS = 0 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V
High level output voltage
TTL
I
4mA
VCC – 0.5
V
VOH
High-level output voltage
CMOS
IOH = –4 mA
VCC – 0.5
V
V
Low level output voltage
TTL
I
4mA
0.5
V
VOL
Low-level output voltage
CMOS
IOL = 4 mA
0.5
V
V
Positive threshold voltage
TTL
VV
1.8
V
VIT+
Positive threshold voltage
CMOS
VI = VIH
0.7
× VCC
V
V
Negative threshold voltage
TTL
VV
0.8
1.8
V
VIT–
Negative threshold voltage
CMOS
VI = VIH
0.2
× VCC
V
V
Hysteresis (V
V
)
TTL
VV
0.3
0.7
V
Vhys
Hysteresis (VIT+ – VIT–)
CMOS
VI = VIH
0.17
× VCC
0.3
× VCC
V
I
High level input current
TTL
VV
±20
A
IIH
High-level input current
CMOS
VI = VIH
±1
µA
I
Low level input current
TTL
VV
±20
A
IIL
Low-level input current
CMOS
VI = VIL
±1
µA
IOZ
Output leakage current (Hi-Z)
VI = VCC or VSS
±20
µA
IOL
Output low drive current
0.1
mA
IOH
Output high drive current
0.1
mA
Clock duty cycle‡
50%
Jitter specification‡
±100
ppm
CI
Input capacitance
18
pF
CO
Output capacitance
10
pF
‡ Applies to all clock outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com