Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 17Page - Texas Instruments TUSB3410 Datasheet HTML 18Page - Texas Instruments TUSB3410 Datasheet HTML 19Page - Texas Instruments TUSB3410 Datasheet HTML 20Page - Texas Instruments TUSB3410 Datasheet HTML 21Page - Texas Instruments TUSB3410 Datasheet HTML 22Page - Texas Instruments TUSB3410 Datasheet HTML 23Page - Texas Instruments TUSB3410 Datasheet HTML 24Page - Texas Instruments TUSB3410 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
4–1
4 MCU Memory Map (Internal Operation)
Figure 4–1 illustrates the MCU memory map under boot and normal operation. For more information regarding the
integrated 8052, see the TUSBxxxx Microcontroller Reference Guide (SLLU044).
NOTE:
The internal 256 bytes of RAM are not shown, since they are assumed to be in the standard
8052 location (0000 to 00FF). The shaded areas represent the internal ROM/RAM.
When SDW bit = 0 (boot mode): The 10K ROM is mapped to address (0x0000–0x27FF) and is duplicated in location
(0x8000–0xA7FF) in code space. The internal 16K RAM is mapped to address range (0x0000–0x3FFF) in data
space. Buffers, MMR, and I/O are mapped to address range (0xF800–0xFFFF) in data space.
When SDW bit = 1 (normal mode): The 10K ROM is mapped to (0x8000–0xA7FF) in code space. The internal 166K
RAM is mapped to address range (0x0000–0x3FFFF) in code space. Buffers, MMR, and I/O are mapped to address
range (0xF800–0xFFFF) in data space.
Normal Mode (SDW = 1)
0000
CODE
XDATA
16K
Code RAM
Read Only
2K Data
MMR
10K Boot ROM
Boot Mode (SDW = 0)
CODE
XDATA
10K Boot ROM
2K Data
MMR
10K Boot ROM
(16K)
Read/Write
27FF
3FFF
8000
A7FF
F800
FF7F
FF80
FFFF
Figure 4–1. MCU Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com