Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 33Page - Texas Instruments TUSB3410 Datasheet HTML 34Page - Texas Instruments TUSB3410 Datasheet HTML 35Page - Texas Instruments TUSB3410 Datasheet HTML 36Page - Texas Instruments TUSB3410 Datasheet HTML 37Page - Texas Instruments TUSB3410 Datasheet HTML 38Page - Texas Instruments TUSB3410 Datasheet HTML 39Page - Texas Instruments TUSB3410 Datasheet HTML 40Page - Texas Instruments TUSB3410 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 92 page
background image
5–5
Procedure to load device serial number value in shared RAM:
•
After power-up reset, boot code copies the predefined USB descriptors to shared RAM. As a result, the
default serial number hard-coded in the boot code (0x00 hex) is copied to the shared RAM data space.
•
Once the boot code finishes copying descriptors, it performs a read to the SERNUM7 to SERNUM0
registers and overwrites the device serial number value stored in the shared RAM with the one found in the
SERNUM7 to SERNUM0 registers.
•
Once the boot code finishes the read to SERNUM7 – SERNUM0 registers, it then checks if EEPROM is
present on the I2C port. If the EEPROM is present and contains a valid device serial number as part of the
USB device descriptor information stored in EEPROM, the boot code overwrites the serial number value
stored in shared RAM with the one found in EEPROM. Otherwise, the device serial number value stored
in shared RAM stays unchanged from previous step.
•
In summary, the serial number value in external EEPROM has the highest priority to be loaded into shared
RAM data space. The serial number value stored in shared RAM is used as part of the valid device
descriptor information during normal operation.
5.1.8
SERNUM6: Device Serial Number Register (Byte 6) (Addr:FFEE)
The device serial number register utilizes (mirrors) this unique 64-bit serial die id number.
After power-up reset, this read-only register (SERNUM6) contains byte 6 of the complete 64-bit device serial number.
The USB reset cannot reset this register.
765
4
3
2
1
0
D55
D54
D53
D52
D51
D50
D49
D48
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
7–0
D[7:0]
Device serial number byte 6 value
Device serial number byte 6 value
NOTE: See the same procedure described in SERNUM7 register for procedure to load device serial number into the shared RAM.
5.1.9
SERNUM5: Device Serial Number Register (Byte 5) (Addr:FFED)
The device serial number register utilizes (mirrors) this unique 64-bit serial die id number.
After power-up reset, this read-only register (SERNUM5) contains byte 5 of the complete 64-bit device serial number.
The USB reset cannot reset this register.
765
4
3
2
1
0
D47
D46
D45
D44
D43
D42
D41
D40
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
7–0
D[7:0]
Device serial number byte 5 value
Device serial number byte 5 value
NOTE: See the same procedure described in SERNUM7 register for procedure to load device serial number into the shared RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com