Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB3410 Datasheet HTML 1Page - Texas Instruments TUSB3410 Datasheet HTML 2Page - Texas Instruments TUSB3410 Datasheet HTML 3Page - Texas Instruments TUSB3410 Datasheet HTML 4Page - Texas Instruments TUSB3410 Datasheet HTML 5Page - Texas Instruments TUSB3410 Datasheet HTML 6Page - Texas Instruments TUSB3410 Datasheet HTML 7Page - Texas Instruments TUSB3410 Datasheet HTML 8Page - Texas Instruments TUSB3410 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
iv
4.3.7
IEPCNF_n: Input Endpoint Configuration (n = 1 to 3)
(Addr:FF48, FF50, FF58)
4–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.3.8
IEPBBAX_n: Input Endpoint X-buffer Base Address
(n = 1 to 3)
4–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.3.9
IEPBCTX_n: Input Endpoint X-Byte Count (n = 1 to 3)
4–9
. . .
4.3.10
IEPBBAY_n: Input Endpoint Y-Buffer Base Address
(n = 1 to 3)
4–9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.3.11
IEPBCTY_n: Input Endpoint Y-Byte Count (n = 1 to 3)
4–9
. . .
4.3.12
IEPSIZXY_n: Output Endpoint X-/Y-Buffer Size
(n = 1 to 3)
4–10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.4
Endpoint-0 Descriptor Registers
4–10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.4.1
IEPCNFG_0: Input Endpoint-0 Configuration Register
(Addr:FF80)
4–10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.4.2
IEPBCNT_0: Input Endpoint-0 Byte Count Register
(Addr:FF81)
4–10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.4.3
OEPCNFG_0: Output Endpoint-0 Configuration Register
(Addr:FF82)
4–11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.4.4
OEPBCNT_0: Output Endpoint-0 Byte Count Register
(Addr:FF83)
4–11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5
USB
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.1
USB Registers
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.1.1
FUNADR: Function Address Register (Addr:FFFF)
5–1
. . . . . .
5.1.2
USBSTA: USB Status Register (Addr:FFFE)
5–1
. . . . . . . . . . .
5.1.3
USBMSK: USB Interrupt Mask Register (Addr:FFFD)
5–2
. . . .
5.1.4
USBCTL: USB Control Register (Addr:FFFC)
5–3
. . . . . . . . . . .
5.1.5
MODECNFG: Mode Configuration Register (Addr:FFFB)
5–4
5.1.6
Vendor ID/Product ID
5–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.1.7
SERNUM7: Device Serial Number Register (Byte 7)
(Addr:FFEF)
5–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.1.8
SERNUM6: Device Serial Number Register (Byte 6)
(Addr:FFEE)
5–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.1.9
SERNUM5: Device Serial Number Register (Byte 5)
(Addr:FFED)
5–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.1.10
SERNUM4: Device Serial Number Register (Byte 4)
(Addr:FFEC)
5–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.1.11
SERNUM3: Device Serial Number Register (Byte 3)
(Addr:FFEB)
5–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.1.12
SERNUM2: Device Serial Number Register (Byte 2)
(Addr:FFEA)
5–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.1.13
SERNUM1: Device Serial Number Register (Byte 1)
(Addr:FFE9)
5–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.1.14
SERNUM0: Device Serial Number Register (Byte 0)
(Addr:FFE8)
5–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.1.15
Function Reset And Power-Up Reset Interconnect
5–7
. . . . . .
5.1.16
Pullup Resistor Connect/Disconnect
5–8
. . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com