Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 61Page - Texas Instruments TUSB3410 Datasheet HTML 62Page - Texas Instruments TUSB3410 Datasheet HTML 63Page - Texas Instruments TUSB3410 Datasheet HTML 64Page - Texas Instruments TUSB3410 Datasheet HTML 65Page - Texas Instruments TUSB3410 Datasheet HTML 66Page - Texas Instruments TUSB3410 Datasheet HTML 67Page - Texas Instruments TUSB3410 Datasheet HTML 68Page - Texas Instruments TUSB3410 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
10–1
10 I2C-Port
10.1 I2C Registers
10.1.1 I2CSTA: I2C Status and Control Register (Addr:FFF0)
This register is used to control the stop condition for read and write operations. In addition, it provides transmitter and
receiver handshake signals with their respective interrupt enable bits.
765
4
3
2
1
0
RXF
RIE
ERR
1/4
TXE
TIE
SRD
SWR
R/O
R/W
R/C
R/W
R/O
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
SWR
0
Stop write condition. This bit determines if the I2C controller generates a stop condition when data
from the I2CDAO register is transmitted to an external device.
SWR = 0
Stop condition is not generated when data from the I2CDAO register is shifted out to an
external device.
SWR = 1
Stop condition is generated when data from the I2CDAO register is shifted out to an
external device.
1
SRD
0
Stop read condition. This bit determines if the I2C controller generates a stop condition when data is
received and loaded into the I2CDAI register.
SRD = 0
Stop condition is not generated when data from the SDA line is shifted into the I2CDAI
register.
SRD = 1
Stop condition is generated when data from the SDA line are shifted into the I2CDAI
register.
2
TIE
0
I2C transmitter empty interrupt enable
TIE = 0
TIE = 1
Interrupt disable
Interrupt enable
3
TXE
1
I2C transmitter empty. This bit indicates that data can be written to the transmitter. It can be used for
polling or it can generate an interrupt.
TXE = 0
Transmitter is full. This bit is cleared when the MCU writes a byte to the II2CDAO
register.
TXE = 1
Transmitter is empty. The I2C controller sets this bit when the contents of the I2CDAO
register are copied to the SDA shift register.
4
1/4
0
Bus speed selection
1/4 = 0
1/4 = 1
100-kHz bus speed
400-kHz bus speed
5
ERR
0
Bus error condition. This bit is set by the hardware when the device does not respond. It is cleared by
the MCU.
ERR = 0
No bus error
ERR = 1
Bus error condition has been detected. Clears when the MCU writes a 1. Writing a 0 has
no effect.
6
RIE
0
I2C receiver ready interrupt enable
RIE = 0
RIE = 1
Interrupt disable
Interrupt enable
7
RXF
0
I2C receiver full. This bit indicates that the receiver contains new data. It can be used for polling or it
can generate an interrupt.
RXF = 0
Receiver is empty. This bit is cleared when the MCU reads the I2CDAI register.
RXF = 1
Receiver contains new data. This bit is set by the I2C controller when the received serial
data has been loaded into the I2CDAI register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com