Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 18Page - Texas Instruments TUSB3410 Datasheet HTML 19Page - Texas Instruments TUSB3410 Datasheet HTML 20Page - Texas Instruments TUSB3410 Datasheet HTML 21Page - Texas Instruments TUSB3410 Datasheet HTML 22Page - Texas Instruments TUSB3410 Datasheet HTML 23Page - Texas Instruments TUSB3410 Datasheet HTML 24Page - Texas Instruments TUSB3410 Datasheet HTML 25Page - Texas Instruments TUSB3410 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 92 page
background image
4–2
4.1
Miscellaneous Registers
4.1.1
ROMS: ROM Shadow Configuration Register (Addr:FF90)
This register is used by the MCU to switch from boot mode to normal operation mode (boot mode is set on power-on
reset only). In addition, this register provides the device revision number and the ROM/RAM configuration.
765
4
3
2
1
0
ROA
S1
S0
R3
R2
R1
R0
SDW
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/W
BIT
NAME
RESET
FUNCTION
0
SDW
0
This bit enables/disables boot ROM. (Shadow the ROM).
SDW = 0
When clear, the MCU executes from the 10K boot-ROM space. The boot ROM appears in two
locations: 0000 and 8000h. The 16K RAM is mapped to XDATA space; therefore, read/write
operation is possible. This bit is set by the MCU after the RAM load is completed. MCU cannot
clear this bit; it is cleared on power-up reset or watchdog time-out reset.
SDW = 1
When set by the MCU, the 10K boot-ROM maps to location 8000h, and the 16K RAM is mapped
to code space, starting at location 0000h. At this point, the MCU executes from RAM, and the
write operation is disabled (no write operation is possible in code space).
4–1
R[3:0]
No effect
These bits reflect the device revision number.
6–5
S[1:0]
No effect
Code space size. These bits define the ROM or RAM code-space size (ROA bit defines ROM or RAM).
These bits are permanently set and are not affected by reset (see Table 4–1).
00 = 4K bytes code space size
01 = 8K bytes code space size
10 = 16K bytes code space size
11 = 32K bytes code space size
7
ROA
No effect
ROM or RAM version. This bit indicates whether the code space is RAM or ROM based. This bit is
permanently set and is not affected by reset (see Table 4–1).
ROA = 0 Code space is ROM
ROA = 1 Code space is RAM
Table 4–1. ROM/RAM Size Definition Table
ROMS REGISTER
BOOT ROM
RAM CODE
ROM CODE
ROA
S1
S0
BOOT ROM
RAM CODE
ROM CODE
0
0
0
None
None
4K
0
0
1
None
None
8K
0
1
0
None
None
16K (reserved)
1
1
1
None
None
32K (reserved)
1
0
0
10K
4K
None
1
0
1
10K
8K
None
1
1
0
10K
16K
None
1
1
1
10K
32K (reserved)
None
4.1.2
Boot Operation (MCU Firmware Loading)
Since the code space is in RAM (with the exception of the boot ROM), the TUSB3410 firmware must be loaded from
an external source. Two sources are available for booting: one from an external serial E2PROM connected to the I2C
bus and the other from the host via the USB. On device reset, the SDW bit (in ROMS register) and CONT bit (in
USBCTL: USB control register) are cleared. This configures the memory space to boot mode (see Memory Map) and
keeps the device disconnected from the host. The first instruction is fetched from location 0000h (which is in the 10K
ROM). The 16K RAM is mapped to XDATA space (location 0000h). The MCU executes a read from an external
E2PROM and tests whether it contains the code (by testing for boot signature). If it contains the code, the MCU reads
from E2PROM and writes to the 16K RAM in XDATA space. If it does not contain the code, the MCU proceeds to boot
from the USB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com