Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 19Page - Texas Instruments TUSB3410 Datasheet HTML 20Page - Texas Instruments TUSB3410 Datasheet HTML 21Page - Texas Instruments TUSB3410 Datasheet HTML 22Page - Texas Instruments TUSB3410 Datasheet HTML 23Page - Texas Instruments TUSB3410 Datasheet HTML 24Page - Texas Instruments TUSB3410 Datasheet HTML 25Page - Texas Instruments TUSB3410 Datasheet HTML 26Page - Texas Instruments TUSB3410 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
4–3
Once the code is loaded, the MCU sets SDW = 1. This switches the memory map to normal mode; i.e. the 16K RAM
is mapped to code space, and the MCU starts executing from location 0000h. Once the switch is done, the MCU sets
CONT = 1 (in the USBCTL register). This connects the device to the USB and results in normal USB device
enumeration.
4.1.3
WDCSR: Watchdog Timer, Control, and Status Register (Addr:FF93)
A watchdog timer (WDT) with 1-ms clock is provided. If this register is not accessed for a period of 128 ms, the WDT
counter resets the MCU. (see Figure 5–1). The watchdog timer is enabled by default and can be disabled by writing
a pattern of 101010 into the WDD[5:0] bits.
765
4
3
2
1
0
ROA
S1
S0
R3
R2
R1
R0
SDW
R/W
R/W
R/W
R/W
R/W
R/W
R/W
W/O
BIT
NAME
RESET
FUNCTION
0
WDT
0
MCU must write a 1 to this bit to prevent the WDT from resetting the MCU. If MCU does not write a 1
in a period of 128 ms, the WDT resets the device. Writing a 0 has no effect on the WDT. (WDT is a
7-bit counter using a 1-ms CLK). This bit is read as 0.
5–1
WDD[5:1]
00000
These bits are used to disable the watchdog timer. For the timer to be disabled these bits must be set
to 10101 and WDD[0] must also be set to 0. If any other pattern is present, the watchdog timer is in
operation.
6
WDR
0
Watchdog reset indication bit. This bit indicates if the reset occurred due to power-on reset or
watchdog timer reset.
WDR = 0
A power-up reset occurred
WDR = 1
A USB reset or watchdog time-out reset occurred. To clear this bit, the MCU must write a 1.
Writing a 0 has no effect.
7
WDD[0]
1
This bit is one of the disable bits for the watchdog timer. This bit must be cleared in order for the
watchdog timer to be disabled.
4.2
Buffers + I/O RAM Map
The address range from F800 to FFFF (2K bytes) is reserved for data buffers, setup packet, endpoint descriptors
block (EDB), and all I/O. There are 128 locations reserved for MMR (memory mapped registers). Table 4–2
represents the XDATA space allocation and access restriction for the DMA, UBM, and MCU.
Table 4–2. XDATA Space
DESCRIPTION
ADDRESS RANGE
UBM ACCESS
DMA ACCESS
MCU ACCESS
Internal MMRs
(Memory Mapped Registers)
FFFF
↑
FF80
No
(Only EDB-0)
No
(only Data reg. and EDB-0)
Yes
EDB
(Endpoint Descriptors Block)
FF7F
↑
FF08
Only for EDB update
Only for EDB update
Yes
Setup Packet
FF07
↑
FF00
Yes
No
Yes
Input Endpoint-0 Buffer
FEFF
↑
FEF8
Yes
Yes
Yes
Output Endpoint-0 Buffer
FEF7
↑
FEF0
Yes
Yes
Yes
Data Buffers
FEEF
↑
F800
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com