Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 82 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 78Page - Texas Instruments TUSB3410 Datasheet HTML 79Page - Texas Instruments TUSB3410 Datasheet HTML 80Page - Texas Instruments TUSB3410 Datasheet HTML 81Page - Texas Instruments TUSB3410 Datasheet HTML 82Page - Texas Instruments TUSB3410 Datasheet HTML 83Page - Texas Instruments TUSB3410 Datasheet HTML 84Page - Texas Instruments TUSB3410 Datasheet HTML 85Page - Texas Instruments TUSB3410 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
11–12
11.8.5 I2C Memory Read
The bootcode returns the content of the specified address in I2C EEPROM.
In the wValue field, the I2C device number is from 0x00 to 0x07 in high filed. The memory type is from 0x01 to 0x03
for CAT I to CAT III devices. If bit 7 of bValueL is set, then 400 kHz is used. Otherwise, 100 kHz is used. This request
is also used to set the device number and speed before the I2C write request.
bmRequestType
USB_REQ_TYPE_DEVICE |
USB_REQ_TYPE_VENDOR |
USB_REQ_TYPE_IN
11000000b
bRequest
BTC_I2C_MEMORY_READ
0x92
wValue
HI:
I2C device number
LO:
Memory type bit[1:0]
Speed bit[7]
0xXXYY
wIndex
Data address
0xNNNN (From 0x0000 to 0xFFFF)
wLength
1 byte
0x0001
Data
Byte in the specified address
0xNN
11.8.6 I2C Memory Write
The I2C memory write command tells the bootcode to write data to the specified address. The SPI mode setting is
done in the SPI read command.
bmRequestType
USB_REQ_TYPE_DEVICE |
USB_REQ_TYPE_VENDOR |
USB_REQ_TYPE_OUT
01000000b
bRequest
BTC_I2C_MEMORY_WRITE
0x93
wValue
HI: should be zero
LO: Data
0x00NN
wIndex
Data address
0xNNNN (From 0x0000 to 0xFFFF)
wLength
None
0x0000
Data
None
11.8.7 Internal ROM Memory Read
The bootcode returns the byte of the specified address in ROM. That is, the binary code of the bootcode.
bmRequestType
USB_REQ_TYPE_DEVICE |
USB_REQ_TYPE_VENDOR |
USB_REQ_TYPE_OUT
01000000b
bRequest
BTC_INTERNAL_ROM_MEMORY_READ
0x94
wValue
None
0x0000
wIndex
Data address
0xNNNN (From 0x0000 to 0xFFFF)
wLength
1 byte
0x0001
Data
Byte in the specified address
0xNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com