Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 75Page - Texas Instruments TUSB3410 Datasheet HTML 76Page - Texas Instruments TUSB3410 Datasheet HTML 77Page - Texas Instruments TUSB3410 Datasheet HTML 78Page - Texas Instruments TUSB3410 Datasheet HTML 79Page - Texas Instruments TUSB3410 Datasheet HTML 80Page - Texas Instruments TUSB3410 Datasheet HTML 81Page - Texas Instruments TUSB3410 Datasheet HTML 82Page - Texas Instruments TUSB3410 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
11–9
Table 11–6. USB Descriptors Header (Continued)
OFFSET
TYPE
SIZE
VALUE
DESCRIPTION
40
bAlternateSetting
1
0x00
Value used to select alternate setting for the interface identified in the prior field
41
bNumEndpoints
1
0x01
Number of endpoints used by this interface (excluding endpoint zero). If this value
is zero, this interface only uses the default control pipe.
42
bInterfaceClass
1
0xFF
The interface class is vendor specific.
43
bInterfaceSubClass
1
0x00
44
bInterfaceProtocol
1
0x00
45
iInterface
1
0x00
Index of string descriptor describing this interface
46
bLength
1
0x07
Size of this descriptor in bytes
47
bDescriptorType
1
0x05
ENDPOINT descriptor type
48
bEndpointAddress
1
0x01
Bit 3
…0: The endpoint number
Bit 7:
Direction
0 = OUT endpoint
1 = IN endpoint
49
bmAttributes
1
0x02
Bit 1
…0: Transfer Type
10 = Bulk
11 = Interrupt
50
wMaxPacketSize
2
0x0040
Maximum packet size this endpoint is capable of sending or receiving when this
configuration is selected.
52
bInterval
1
0x00
Interval for polling endpoint for data transfers. Expressed in milliseconds.
53
Data Type
1
0x05
USB String descriptor
54
Data Size (low byte)
1
0x1A
26(0x1A) = 4 + 6 + 6 + 10
55
Data Size (high byte)
1
0x00
56
Check Sum
1
0x50
Checksum of data below
57
bLength
1
0x04
Size of string 0 descriptor in bytes
58
bDescriptorType
1
0x03
STRING descriptor type
59
wLANGID[0]
2
0x0409
English
61
bLength
1
0x06
Size of string 1 descriptor in bytes
62
bDescriptorType
1
0x03
STRING descriptor type
63
bString
2
‘T’,0x00
UNICODE, ‘T’ is the first byte.
65
2
‘I’,0x00
TI = 0x54, 0x49
67
bLength
1
0x06
Size of string 2 descriptor in bytes
68
bDescriptorType
1
0x03
STRING descriptor type
69
bString
2
‘u’,0x00
UNICODE, ‘u’ is the first byte.
71
2
‘C’,0x00
‘uC’ = 0x75, 0x43
73
bLength
1
0x0A
Size of string 3 descriptor in bytes
74
bDescriptorType
1
0x03
STRING descriptor type
75
bString
2
‘3’,0x00
UNICODE, ‘T’ is the first byte.
77
2
‘4’,0x00
‘3410’ = 0x33, 0x34, 0x31, 0x30
79
2
‘1’,0x00
81
2
‘0’,0x00
83
Data Type
1
0x00
End of header



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com