Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 35Page - Texas Instruments TUSB3410 Datasheet HTML 36Page - Texas Instruments TUSB3410 Datasheet HTML 37Page - Texas Instruments TUSB3410 Datasheet HTML 38Page - Texas Instruments TUSB3410 Datasheet HTML 39Page - Texas Instruments TUSB3410 Datasheet HTML 40Page - Texas Instruments TUSB3410 Datasheet HTML 41Page - Texas Instruments TUSB3410 Datasheet HTML 42Page - Texas Instruments TUSB3410 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
5–7
5.1.14 SERNUM0: Device Serial Number Register (Byte 0) (Addr:FFE8)
The device serial number register utilizes (mirrors) this unique 64-bit serial die id number.
After power-up reset, this read-only register (SERNUM0) contains byte 0 of the complete 64-bit device serial number.
The USB reset cannot reset this register.
765
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
7–0
D[7:0]
Device serial number byte 0 value
Device serial number byte 0 value
NOTE: See the same procedure described in SERNUM7 register for procedure to load device serial number into the shared RAM.
5.1.15 Function Reset And Power-Up Reset Interconnect
Figure 5–1 represents the logical connection of the USB-function reset (USBR) and power-up reset (RESET) pins.
The internal RESET signal is generated from the RESET pin (PURS signal) or from the USB reset (USBR signal).
The USBR can be enabled or disabled by the FRSTE bit in the USBCTL register (on power up, FRSTE = 0). The
internal RESET is used to reset all registers and logic, with the exception of the USBCTL and GLOBCTL registers
which are cleared by the PURS signal only.
USBCTL Register
GLOBCTL Register
PURS
USBR
RESET
MCU
FRSTE
USB Function Reset
To Internal MMRs
RESET
G2
WDD[4:0]
WDT Reset
Figure 5–1. Reset Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com