Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 67Page - Texas Instruments TUSB3410 Datasheet HTML 68Page - Texas Instruments TUSB3410 Datasheet HTML 69Page - Texas Instruments TUSB3410 Datasheet HTML 70Page - Texas Instruments TUSB3410 Datasheet HTML 71Page - Texas Instruments TUSB3410 Datasheet HTML 72Page - Texas Instruments TUSB3410 Datasheet HTML 73Page - Texas Instruments TUSB3410 Datasheet HTML 74Page - Texas Instruments TUSB3410 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
11–1
11 TUSB3410 Bootcode Flow
11.1 Introduction
TUSB3410 bootcode is a program embedded within TUSB3410 device. This program is designed to load application
firmware from either external memory device or USB host bootloader device driver. After finished downloading,
bootcode releases its control to the application firmware.
This document describes how the bootcode initializes the TUSB3410 device in detail. In addition, the default USB
descriptor, I2C device header format, USB host driver firmware downloading format, and supported built-in USB
vendor specific requests are listed for reference. Users should carefully follow the appropriate format to interface with
the bootcode. All unsupported formats might cause unexpected results.
The bootcode source code is also provided for programming reference.
11.2 Bootcode Programming Flow
After power-on reset, the bootcode initializes the I2C and USB registers along with internal variables. The bootcode
then checks to see if the I2C device contains a valid signature. If the I2C device has a valid signature, the bootcode
continues searching for descriptor blocks and then processes them if the checksum is correct. If application firmware
was found, the bootcode downloads it and releases the control to the application firmware. Otherwise, the bootcode
connects to the USB and waits for host driver to download application firmware. Once firmware downloading is
finished, the bootcode releases the control to the firmware.
The following is the bootcode step-by-step operation.
•
Check if bootcode is in the application mode. If the bootcode is in the application mode, the bootcode
releases the control to the application firmware. Otherwise, the bootcode continues.
•
Initialize all the default settings.
–
Call CopyDefaultSettings() routine.
Set I2C to 400-kHz speed.
–
Call UsbDataInitialization() routine.
Set bFUNADR = 0
Disconnect from USB (bUSBCTL = 0x00)
Bootcode handles USB reset
Copy predefined device, configuration, and string descriptors to RAM
Disable all endpoints and enable USB interrupt(SETUP, RSTR, SUSPR, and RESU)
•
Search for product signature
–
Check if valid signature is in I2C. If not, skip I2C process.
Read 2 bytes from address 0x0000 with type III and device address 0. Stop searching if valid
signature is found.
Read 2 bytes from address 0x0000 with type II and device address 4. Stop searching if valid
signature is found.
•
Load customized device, configuration and string descriptors from I2C EEPROM.
–
Process each descriptor block from I2C until end of header is found
If descriptor block is device, configuration or string descriptors, the bootcode overwrites the default
descriptors.
If descriptor block is binary firmware, the bootcode makes a note and loads the firmware later on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com