Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 9Page - Texas Instruments TUSB3410 Datasheet HTML 10Page - Texas Instruments TUSB3410 Datasheet HTML 11Page - Texas Instruments TUSB3410 Datasheet HTML 12Page - Texas Instruments TUSB3410 Datasheet HTML 13Page - Texas Instruments TUSB3410 Datasheet HTML 14Page - Texas Instruments TUSB3410 Datasheet HTML 15Page - Texas Instruments TUSB3410 Datasheet HTML 16Page - Texas Instruments TUSB3410 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
2–1
2 Main Features
2.1
USB Features
•
Fully compliant with USB 2.0 full speed Specifications
•
Supports 12-Mbps USB data rate (full speed)
•
Supports USB suspend, resume, and remote wakeup operations
•
Supports two power source modes:
–
Bus-powered mode
–
Self-powered mode
•
Can support a total of 3-input and 3-output (interrupt, bulk) endpoints
2.2
General Features
•
Integrated 8052 microcontroller with
–
256
× 8 RAM for internal data
–
10K
× 8 ROM (with USB and I2C boot loader)
–
16K
× 8 RAM for code space loadable from host or I2C port
–
2K
× 8 Shared RAM used for data buffers and endpoint descriptor blocks (EDB)
–
Four GPIO pins from 8052 port 3
–
Master I2C controller for EEPROM device access
–
MCU operates at 24 MHz providing 2 MIPS operation
–
128-ms Watchdog Timer
•
Built-in two-channel DMA controller for USB/UART bulk I/O
•
Operates from a 12-MHz crystal
•
Supports USB suspend and resume
•
Supports remote wake-up
•
Available in 32-pin LQFP
•
3.3-V operation with 1.8-V core operating voltage provided by on-chip 1.8-V voltage regulator
2.3
Enhanced UART Features
•
Software/hardware flow control:
–
Programmable Xon/Xoff characters
–
Programmable Auto-RTS/DTR and Auto-CTS/DSR
•
Automatic RS485-bus transceiver control, with and without echo
•
Selectable IrDA mode for up to 115.2 kbps transfer
•
Software selectable baud rate from 50 to 921.6 k baud
•
Programmable serial-interface characteristics
–
5-, 6-, 7-, or 8-Bit characters
–
Even, odd, or no parity-bit generation and detection
–
1-, 1.5-, or 2-Stop bit generation
•
Line break generation and detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com