Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 40Page - Texas Instruments TUSB3410 Datasheet HTML 41Page - Texas Instruments TUSB3410 Datasheet HTML 42Page - Texas Instruments TUSB3410 Datasheet HTML 43Page - Texas Instruments TUSB3410 Datasheet HTML 44Page - Texas Instruments TUSB3410 Datasheet HTML 45Page - Texas Instruments TUSB3410 Datasheet HTML 46Page - Texas Instruments TUSB3410 Datasheet HTML 47Page - Texas Instruments TUSB3410 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
6–4
6.1.3
DMACDR3: DMA Channel Definition Register (UART Receive Channel) (Addr:FFE4)
These registers are used to define the EDB number that the DMA uses for data transfer from the UARTS. In addition,
these registers define the data transfer direction and selects X or Y as the transaction buffer.
765
4
3
2
1
0
EN
INE
CNT
XY
T/R
E2
E1
E0
R/W
R/W
R/W
R/W
R/O
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
2–0
E[2:0]
0
Endpoint descriptor pointer. This field points to a set of EDB registers that are used for a given transfer.
3
T/R
1
This bit is always 1. This indicates that the DMA data transfer is from UART RDR register to SRAM.
(The MCU cannot change this bit.)
4
XY
0
XY Buffer select bit. Valid only when CNT = 0.
XY = 0
XY = 1
Next buffer to transmit/receive is X
Next buffer to transmit/receive is Y
5
CNT
0
DMA continuous transfer control bit. This bit defines the mode of the DMA transfer.
CNT = 0
Burst mode: DMA stops the transfer when the byte count = 0 or when a receiver error occurs.
At the end of transfer, the high-to-low transition of EN interrupts the MCU (if enabled). In this
mode, the XY bit is set by the MCU to define the current buffer (X or Y).
CNT = 1
Continuous mode: In this mode, the DMA and UBM alternate between the X- and Y-buffers.
The UBM sets the XY bit and the DMA uses it for the transfer. The DMA alternates between
the X-/Y-buffers and continues receiving (to X-/Y-buffer) without MCU intervention. The DMA
terminates the transfer and interrupts the MCU, under the following conditions:
1. Transaction time-out expired: DMA updates EDB and interrupts the MCU. UBM transfers
the partial packet to the host.
2. UART receiver error condition: DMA updates EDB and does not interrupt the MCU. UBM
transfers the partial packet to the host.
6
INE
0
DMA interrupt enable/disable bit. This bit is used to enable/disable the interrupt on transfer completion.
INE = 0
Interrupt is disabled. In addition, OVRUN and TXFT do not clear the EN bit and the DMAX is
not disabled.
INE = 1
Enables the EN interrupt. When this bit is set, the DMA interrupts the MCU on a 1 to 0 transition
of the EN bit. (When transfer is completed, EN = 0).
7
EN
0
DMA channel enable bit. The MCU sets this bit to start the DMA transfer. When transfer completes, or
when terminated due to error, this bit is cleared. The 1 to 0 transition of this bit generates an interrupt (if
interrupt is enabled).
EN = 0
DMA is halted. The DMA is halted when transaction time-out occurs, or under a UART
receiver-error condition. When halted, the DMA updates the byte count and sets NAK = 0 in
IEDB. If the termination is due to transaction time-out, the DMA generates an interrupt.
However, if the termination is due to a UART error condition, the DMA does not generate an
interrupt. (The UART generates the interrupt.)
EN = 1
Setting this bit starts the DMA transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com