Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 20Page - Texas Instruments TUSB3410 Datasheet HTML 21Page - Texas Instruments TUSB3410 Datasheet HTML 22Page - Texas Instruments TUSB3410 Datasheet HTML 23Page - Texas Instruments TUSB3410 Datasheet HTML 24Page - Texas Instruments TUSB3410 Datasheet HTML 25Page - Texas Instruments TUSB3410 Datasheet HTML 26Page - Texas Instruments TUSB3410 Datasheet HTML 27Page - Texas Instruments TUSB3410 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
4–4
Table 4–3. Memory Mapped Registers Summary (XDATA Range = FF80
→ FFFF)
ADDRESS
REGISTER
DESCRIPTION
FFFF
FUNADR
Function address register
FFFE
USBSTA
USB status register
FFFD
USBMSK
USB interrupt mask register
FFFC
USBCTL
USB control register
FFFB
MODECNFG
Mode configuration register
FFFA
DEVVIDH
Device custom VID high byte register
FFF9
DEVVIDL
Device custom VID low byte register
FFF8
DEVPIDH
Device custom PID high byte register
FFF7
DEVPIDL
Device custom PID low byte register
FFF6
DEVREVH
Device custom revision number high byte register
FFF5
DEVREVL
Device custom revision number low byte register
↑
RESERVED
FFF3
I2CADR
I2C-port address register
FFF2
I2CDATI
I2C-port data input register
FFF1
I2CDATO
I2C-port data output register
FFF0
I2CSTA
I2C-port status register
FFEF
SERNUM7
Serial number byte 7 register
FFEE
SERNUM6
Serial number byte 6 register
FFED
SERNUM5
Serial umber byte 5 register
FFEC
SERNUM4
Serial number byte 4 register
FFEB
SERNUM3
Serial number byte 3 register
FFEA
SERNUM2
Serial number byte 2 register
FFE9
SERNUM1
Serial number byte 1 register
FFE8
SERNUM0
Serial number byte 0 register
↑
RESERVED
FFE5
DMACSR3
DMA–3: Control and status register
FFE4
DMACDR3
DMA–3: Channel definition register
↑
RESERVED
FFE1
DMACSR1
DMA–1: Control and status register
FFE0
DMACDR1
DMA–1: Channel definition register
↑
RESERVED
FFAB
MASK
UART: Interrupt mask register
FFAA
XOFF
UART: Xoff register
FFA9
XON
UART: Xon register
FFA8
DLH
UART: Divisor high-byte register
FFA7
DLL
UART: Divisor low-byte register
FFA6
MSR
UART: Modem status register
FFA5
LSR
UART: Line status register
FFA4
MCR
UART: Modem control register
FFA3
FCRL
UART: Flow control register
FFA2
LCR
UART: Line control registers
FFA1
TDR
UART: Transmitter data registers
FFA0
RDR
UART: Receiver data registers
FF9E
PUR_3
GPIO: Pullup register for port 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com