Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 29Page - Texas Instruments TUSB3410 Datasheet HTML 30Page - Texas Instruments TUSB3410 Datasheet HTML 31Page - Texas Instruments TUSB3410 Datasheet HTML 32Page - Texas Instruments TUSB3410 Datasheet HTML 33Page - Texas Instruments TUSB3410 Datasheet HTML 34Page - Texas Instruments TUSB3410 Datasheet HTML 35Page - Texas Instruments TUSB3410 Datasheet HTML 36Page - Texas Instruments TUSB3410 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
5–1
5 USB
5.1
USB Registers
5.1.1
FUNADR: Function Address Register (Addr:FFFF)
This register contains the device function address.
765
4
3
2
1
0
RSV
FA6
FA5
FA4
FA3
FA2
FA1
FA0
R/O
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
6–0
FA[6:0]
0
These bits define the current device address assigned to the function. The MCU writes a value to this
register because of the SET-ADDRESS host command.
7
RSV
0
Reserved = 0
5.1.2
USBSTA: USB Status Register (Addr:FFFE)
All bits in this register are set by the hardware and are cleared by the MCU when writing a 1 to the proper bit location
(writing a 0 has no effect). In addition, each bit can generate an interrupt if its corresponding mask bit is set (R/C
notation indicates read and clear only by the MCU).
765
4
3
2
1
0
RSTR
SUSR
RESR
RSV
URRI
SETUP
WAKEUP
STPOW
R/C
R/C
R/C
R/O
R/C
R/C
R/C
R/C
BIT
NAME
RESET
FUNCTION
0
STPOW
0
SETUP Overwrite bit. Set by hardware when setup packet is received while there is already a packet in
the setup buffer.
STPOW = 0
STPOW = 1
MCU can clear this bit by writing a 1 (writing 0 has no effect).
SETUP overwrite
1
WAKEUP
0
Remote wakeup bit
WAKEUP = 0
WAKEUP = 1
The MCU can clear this bit by writing a 1 (writing 0 has no effect).
Remote wakeup request from WAKEUP pin
2
SETUP
0
SETUP transaction received bit. As long as SETUP is 1, IN and OUT on endpoint–0 are NAKed,
regardless of their real NAK bits value.
SETUP = 0
SETUP = 1
MCU can clear this bit by writing a 1 (writing 0 has no effect).
SETUP transaction received
3
URRI
0
UART RI status bit – a rising edge causes this bit to be set.
URRI = 0
URRI = 1
URRI = 0 The MCU can clear this bit by writing a 1 (writing 0 has no effect).
URRI = 1 Ring detected, which is used to wake the chip up (bring it out of suspend).
4
RSV
0
Reserved
5
RESR
0
Function resume request bit
RESR = 0
RESR = 1
The MCU can clear this bit by writing a 1 (writing 0 has no effect).
Function resume is detected
6
SUSR
0
Function suspended request bit. This bit is set in response to a global or selective suspend condition.
FSUSP = 0
FSUSP = 1
The MCU can clear this bit by writing a 1 (writing 0 has no effect).
Function suspend is detected
7
RSTR
0
Function reset request bit. This bit is set in response to host initiating a port reset. This bit is not
affected by the USB function reset.
FRST = 0
FRST = 1
The MCU can clear this bit by writing a 1 (writing 0 has no effect).
Function reset is detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com