Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 89 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 84Page - Texas Instruments TUSB3410 Datasheet HTML 85Page - Texas Instruments TUSB3410 Datasheet HTML 86Page - Texas Instruments TUSB3410 Datasheet HTML 87Page - Texas Instruments TUSB3410 Datasheet HTML 88Page - Texas Instruments TUSB3410 Datasheet HTML 89Page - Texas Instruments TUSB3410 Datasheet HTML 90Page - Texas Instruments TUSB3410 Datasheet HTML 91Page - Texas Instruments TUSB3410 Datasheet HTML 92Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
13–1
13 Application Notes
13.1 Crystal Selection
The TUSB3410 requires a 12-MHz clock source to work properly. This clock source can be a crystal placed across
the X1 and X2 terminals. A parallel resonant crystal is recommended. Most parallel resonant crystals are specified
at a frequency with a load capacitance of 18 pF. This load can be realized by placing 33-pF capacitors from each end
of the crystal to ground. Together with the input capacitance of the TUSB3410 and stray board capacitance, this
provides close to two 36-pF capacitors in series to emulate the 18-pF load requirement. Note, that when using a
crystal, it takes about 2 ms after power up for a stable clock to be produced.
TUSB3410
X1
33 pF
12 MHz
X2
33 pF
Figure 13–1. Crystal Selection
13.2 External Circuit Required for Reliable Bus Powered Suspend Operation
TI has found a potential problem with the action of the SUSPEND output pin immediately after power on. In some
cases the SUSPEND pin can power up asserted high. When used in a bus powered application this can cause a
problem because the VREGEN# input is usually connected to the SUSPEND output. This in turn causes the internal
1.8-V voltage regulator to shut down, which means an external crystal may not have time to begin oscillating, thus
the device will not initialize itself correctly.
TI has determined an on-chip fix for this problem, but has not determined a schedule on when the fix will be
implemented. In the meantime, the components R2 and D1 (rated to 25 mA) in the circuit shown below can be used
as a workaround. Note that R1 and C1 are required components for proper reset operation, unless the reset signal
is provided by another means. R2 and D1 can be left in place or removed once the silicon is modified.
Note that use of an external oscillator (1.8-V output) versus a crystal would avoid this situation, but it is not expected
that many applications would use an oscillator. Also note that self-powered applications would probably not see this
problem because the VREGEN# input would likely be tied low, enabling the internal 1.8-V regulator at all times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com