Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3410 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 15Page - Texas Instruments TUSB3410 Datasheet HTML 16Page - Texas Instruments TUSB3410 Datasheet HTML 17Page - Texas Instruments TUSB3410 Datasheet HTML 18Page - Texas Instruments TUSB3410 Datasheet HTML 19Page - Texas Instruments TUSB3410 Datasheet HTML 20Page - Texas Instruments TUSB3410 Datasheet HTML 21Page - Texas Instruments TUSB3410 Datasheet HTML 22Page - Texas Instruments TUSB3410 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
3–3
From
UART
M
U
X
IR
Encoder
SOUT/IR_SOUT
1
0
IR_TX
SOUT
UART
BaudOut
Clock
IREN
M
U
X
1
0
SOFTSW
TXCNTL
M
U
X
1
0
CLKOUT Pin
CLKOUTEN
3.556 MHz
M
U
X
1
0
CLKSLCT
To
UART
Receiver
IR
Decoder
IR_RX
SIN/IR_SIN Pin
3.3 V
SOUT
SIN
Figure 3–1. RS-232 and IR Mode Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com