Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 17 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 13Page - Texas Instruments TLV320AIC21 Datasheet HTML 14Page - Texas Instruments TLV320AIC21 Datasheet HTML 15Page - Texas Instruments TLV320AIC21 Datasheet HTML 16Page - Texas Instruments TLV320AIC21 Datasheet HTML 17Page - Texas Instruments TLV320AIC21 Datasheet HTML 18Page - Texas Instruments TLV320AIC21 Datasheet HTML 19Page - Texas Instruments TLV320AIC21 Datasheet HTML 20Page - Texas Instruments TLV320AIC21 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
www.ti.com
0
2000
4000
6000
8000
10000
12000
14000
16000
18000
20000
−140
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
0
2000
4000
6000
8000
10000
12000
14000
16000
−140
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
0
2000
4000
6000
8000
10000
12000
14000
16000
18000
20000
−140
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 7. FFT—DAC Channel (-9 dB input)
Figure 8. FFT—ADC Channel in FIR/IIR Bypass Mode (-3 dB input)
Figure 9. FFT—DAC Channel in FIR/IIR Bypass Mode (0 dB input)
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com