Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 37 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 33Page - Texas Instruments TLV320AIC21 Datasheet HTML 34Page - Texas Instruments TLV320AIC21 Datasheet HTML 35Page - Texas Instruments TLV320AIC21 Datasheet HTML 36Page - Texas Instruments TLV320AIC21 Datasheet HTML 37Page - Texas Instruments TLV320AIC21 Datasheet HTML 38Page - Texas Instruments TLV320AIC21 Datasheet HTML 39Page - Texas Instruments TLV320AIC21 Datasheet HTML 40Page - Texas Instruments TLV320AIC21 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
www.ti.com
S/Sr
I2C Device Address (3 Bit)+
SMARTDM Device Address +
R/W
= 0
Mode (5 Bit) + Index
Register Address
(3 Bit)
Ack
Ack
Control Register
Data (Write)
Ack
Control Register
Data (Write)
7 Bit
1 Bit
8 Bit
8 Bit
8 Bit
Increment Index Register Address
Default/Broadcast
(00000/11111)
Write Mode
To the Address Given
by Index Register
Address
To the Address Given
by Index Register
Address
S/Sr I2C Device Address (3 Bit)+
SMARTDM Device Address +
R/W
= 1
Control Register Data
(Read)
Ack
Ack
Control Register
Data (Read)
Ack
7 Bit
1 Bit
8 Bit
8 Bit
Read Mode
From the Address Given
by Index Register Address
From the Address Given
by Index Register Address
Increment Index
Register Address
Increment Index
Register Address
S/Sr I2C Device Address (3 Bit)+
SMARTDM Device Address +
R/W
= 0
Mode (5 Bit) + Index
Register Address
(3 Bit)
Ack
Ack
7 Bit
1 Bit
8 Bit
For Initializing Index Register Address
Stop
Register Map
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
•
S/Sr -> Start/Repeated Start.
Figure 33. Index Register Addresses
Each AIC2x codec consists of 2 channels. Each channel has 6 registers to enable the user to control various
components. Registers that control resources that are common across the two channels are shadowed. This
means that writing to the appropriate register in one channel automatically updates the contents of the same
register in the other channel to reflect the change. For example, writing to register 4 in channel 1 automatically
updates the contents of register 4 for channel 2 and vice versa. Refer to the individual register description for a
more detailed description of the exact register bits that are shadowed. Bits D15 through D13 represent the
control register address that is written with data carried in D7 through D0. Bit D12 determines a read or a write
cycle to the addressed register. When D12 = 0, a write cycle is selected. When D12 = 1, a read cycle is selected.
Bit D11 controls the broadcast mode as described above, in which the broadcast mode is enabled if D11 is set to
1. Always write 1s to the bits D10 through D8.
Table 3 shows the register map.
Table 3. Register Map
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Register Address
RW
BC
1
1
1
Control Register Content
Table 4. Register Addressing
REGISTER NO.
D15
D14
D13
REGISTER NAME
0
0
0
0
No operation
1
0
0
1
Control 1
2
0
1
0
Control 2
3
0
1
1
Control 3
4
1
0
0
Control 4
5
1
0
1
Control 5
6
1
1
0
Control 6
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com