Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 28 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 24Page - Texas Instruments TLV320AIC21 Datasheet HTML 25Page - Texas Instruments TLV320AIC21 Datasheet HTML 26Page - Texas Instruments TLV320AIC21 Datasheet HTML 27Page - Texas Instruments TLV320AIC21 Datasheet HTML 28Page - Texas Instruments TLV320AIC21 Datasheet HTML 29Page - Texas Instruments TLV320AIC21 Datasheet HTML 30Page - Texas Instruments TLV320AIC21 Datasheet HTML 31Page - Texas Instruments TLV320AIC21 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
www.ti.com
MCLK
DIN
DOUT
M/S
FSD
TLV320AIC20
1
FS
SCLK
3.3 V
MCLK
DIN
DOUT
M/S
FSD
TLV320AIC20
2
FS
SCLK
MCLK
DIN
DOUT
M/S
FSD
TLV320AIC20
3
FS
SCLK
MCLK
DIN
DOUT
M/S
FSD
TLV320AIC20
4
FS
SCLK
IOVDD
CLKOUT
DR
DX
FSX
FSR
CLKX
CLKR
TMS320C5X
TMS320C6X
To CLKOUT
or External Oscillator
Stand-Alone Slave
Asynchronous Sampling (Codecs in cascade are sampled at different sampling frequency)
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Figure 20. Cascade Connection (to DSP Interface)
In the stand-alone slave connection, the FS and SCLK inputs must be synchronized to each other and
programmed according to Section 3.1 (Operating Frequencies). The FS and SCLK input are not required to
synchronize to the MCLK input but must remain active at all times to assure continuous sampling in the data
converter. FSD must be connected to LOW for stand-alone-slave. FS is output for initial 132 MCLK and it is kept
low. The host processor needs to keep the FS pin in high impedence state during this period to avoid contention.
The AIC2x SMARTDM supports different sampling frequencies between the different channels in cascade,
connecting to a single serial port in which all codecs are sampled at the same frequency of FS.
For example: FS1 and FS2 are the desired sampling rates for CH1 and CH2 respectively:
1. FS = MCLK / (16 x M x N x P)
2. FS = n1 x FS1 (n1 = 1, 2, . . ., 8 defined in the control register 3A of CH1)
3. FS = n2 x FS2 (n2 = 1, 2, . . ., 8 defined in the control register 3A of CH2)
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com