Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 9Page - Texas Instruments TLV320AIC21 Datasheet HTML 10Page - Texas Instruments TLV320AIC21 Datasheet HTML 11Page - Texas Instruments TLV320AIC21 Datasheet HTML 12Page - Texas Instruments TLV320AIC21 Datasheet HTML 13Page - Texas Instruments TLV320AIC21 Datasheet HTML 14Page - Texas Instruments TLV320AIC21 Datasheet HTML 15Page - Texas Instruments TLV320AIC21 Datasheet HTML 16Page - Texas Instruments TLV320AIC21 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
www.ti.com
Analog
Loopback
PGA
Low Pass
Filter
Sigma-
Delta
DAC
Anti-
Aliasing
Filter
Sigma-
Delta
ADC
Sinc
Filter
FIR Filter
IIR Filter
Decimation Filter
Sinc
Filter
FIR Filter
IIR Filter
Interpolation Filter
Digital Loopback
w/ Sidetone Control
and Mute
M/S
DOUT
DIN
FS
SCLK
FSD
PGA
SMARTDM
-9 dB to -27 dB
Serial
Port
0 dB to 42 dB (1.5 dB Steps)
48 dB, 54 dB
Vref
CODEC
0 dB to -42 dB (1.5 dB Steps)
-48 dB, -54 dB
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Functional Block Diagram (One of Two Channels Shown)
Definitions and Terminology
Data Transfer
The time during which data is transferred from DOUT and to DIN.
Interval
The interval is 16 shift clocks, and the data transfer is initiated by
the falling edge of the FS signal.
Signal Data
This refers to the input signal and all of the converted representations
through the ADC channel and the signal through the DAC channel to the
analog output. This is contrasted with the purely digital software control
data.
Frame Sync
Frame sync refers only to the falling edge of the signal FS that initiates
the data transfer interval
Frame Sync and Sampling Period
Frame sync and sampling period is the time between falling edges of
successive FS signals.
f
s
The sampling frequency
ADC Channel
ADC channel refers to all signal processing circuits between the analog
input and the digital conversion result at DOUT.
DAC channel
DAC channel refers to all signal processing circuits between the digital
data word applied to DIN and the differential output analog signal
available at OUTP and OUTM.
Dxx
Bit position in the primary data word (xx is the bit number)
DSxx
Bit position in the secondary data word (xx is the bit number)
d
The alpha character d represents valid programmed or default data in the
control register format (see Section 3.2, Secondary Serial Communi-
cation) when discussing other data bit portions of the register.
PGA
Programmable gain amplifier
IIR
Infinite impulse response
FIR
Finite impulse response
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com