Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 2Page - Texas Instruments TLV320AIC21 Datasheet HTML 3Page - Texas Instruments TLV320AIC21 Datasheet HTML 4Page - Texas Instruments TLV320AIC21 Datasheet HTML 5Page - Texas Instruments TLV320AIC21 Datasheet HTML 6Page - Texas Instruments TLV320AIC21 Datasheet HTML 7Page - Texas Instruments TLV320AIC21 Datasheet HTML 8Page - Texas Instruments TLV320AIC21 Datasheet HTML 9Page - Texas Instruments TLV320AIC21 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
www.ti.com
Digital Inputs and Outputs
ADC PATH FILTER
ADC DYNAMIC PERFORMANCE
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
FS = 8 KHz, outputs not loaded
PARAMETER
MIN
TYP
MAX
UNIT
VOH
High-level output voltage, DOUT
0.8 IOVDD
V
VOL
Low-level output voltage, DOUT
0.1 IOVDD
V
IIH
High-level input current, any digital input
5
µA
IIL
Low-level input current, any digital input
5
µA
Ci
Input capacitance
3
pF
Co
Output capacitance
5
pF
FS = 8 KHz (1)(2)
TEST
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
CONDITIONS
PATH FILTER
FIR FILTER
IIR FILTER
0 Hz to 60 Hz
-27 / 0.07
-27 / 0.15
60 Hz to 200 Hz
-1 / 0.07
-0.75 / 0.15
200 Hz to 300 Hz
-0.03 / 0.05
0. 11 / 0.15
300 Hz to 2.4 KHz
-0.1
0.15
-0.1
0.25
Filter gain relative to gain
2.4 kHz to 3 kHz
-0.05
0.15
-0.5
0.2
dB
at 1020 Hz
3 kHz to 3.4 KHz
-0.5
0.1
-0.5
0.2
3.4 kHz to 3.6 KHz
-0.4
0.15
4 KHz
-26
-42
4.5 KHz to 72 kHz
-52
-52
(1)
The filter gain outside of the passband is measured with respect to the gain at 1020 Hz. The analog input test signal is a sine wave with
0 dB = 4 VI(PP) as the reference level for the analog input signal. The pass band is 0 to 3600 Hz for an 8-KHz sample rate. This pass
band scales linearly with the sample rate.
(2)
The filter characteristics are specified by design and are not tested in production. In places where more than one value is specified, the
first value is with the High Pass Filter on and the second value is with the HPF off
With FIR Filter, FS = 8 KHz (1)
TEST
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
CONDITIONS
Line In Driver
AIC20/21/24/25
AIC20k/24k
VI = -3 dB
81
84
70
84
SNR
Signal-to-noise ratio
VI = -9 dB
73
76
76
VI = -3 dB
83
90
70
90
THD
Total harmonic distortion
dB
VI = -9 dB
81
88
88
VI = -3 dB
80
83
83
Signal-to-harmonic
THD+N
distortion + noise
VI = -9 dB
73
76
76
(1)
The test condition is a differential 1020-Hz input signal with an 8-KHz conversion rate. Input and output common mode is 1.35 V.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com