Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 44 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 40Page - Texas Instruments TLV320AIC21 Datasheet HTML 41Page - Texas Instruments TLV320AIC21 Datasheet HTML 42Page - Texas Instruments TLV320AIC21 Datasheet HTML 43Page - Texas Instruments TLV320AIC21 Datasheet HTML 44Page - Texas Instruments TLV320AIC21 Datasheet HTML 45Page - Texas Instruments TLV320AIC21 Datasheet HTML 46Page - Texas Instruments TLV320AIC21 Datasheet HTML 47Page - Texas Instruments TLV320AIC21 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
www.ti.com
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Control Register 6A Bit Summary
RESET
BIT
NAME
FUNCTION
VALUE
Headset input to output
D6
HDSI2O
0
HDSI2O = 0 The headset input is not connected to the headset output.
HDSI2O = 1 The headset input is connected to the headset output.
Handset input to output
D5
HNSI2O
0
HNSI2O = 0 The handset input is not connected to the handset output.
HNSI2O = 1 The handset input is connected to the handset output.
Caller ID input select
D4
CIDI
0
CIDI = 0 The caller ID input is not connected to ADC channel.
CIDI = 1 The caller ID input is connected to ADC channel.
Line input select
D3
LINEI
0
LINEI = 0 The line driver input is not connected to ADC channel.
LINEI = 1 The line driver input is connected to ADC channel.
MIC input select
D2
MICI
0
MICI = 0 The microphone input is not connected to ADC channel.
MICI = 1 The microphone input is connected to ADC channel.
Handset input select
D1
HNSI
0
HNSI = 0 The handset input is not connected to ADC channel.
HNSI = 1 The handset input is connected to ADC channel
Headset input select
D0
HDSI
0
HDSI = 0 The headset input is not connected to ADC channel.
HDSI = 1 The headset input is connected to ADC channel.
Control Register 6B(1)
D7
D6
D5
D4
D3
D2
D1
D0
1
Reserved
ASTOHD
ASTOHN
SPKO
LINEO
HNSO
HDSO
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
(1)
NOTE: R = Read, W = Write
Control Register 6B Bit Summary
RESET
BIT
NAME
FUNCTION
VALUE
D6
Reserved
0
Analog sidetone output select for headset. This bit connects the analog sidetone to headset output.
D5
ASTOHD
0
ASTOHD = 0. The analog sidetone is not connected to headset output.
ASTOHD = 1. The analog sidetone is connected to headset output.
Analog sidetone output select for handset. This bit connects the analog sidetone to handset output.
D4
ASTOHN
0
ASTOHN = 0. The analog sidetone is not connected to handset output.
ASTOHN = 1. The analog sidetone is connected to handset output.
Speaker output select. This bit connects the DAC output to the 8-
Ω speaker driver
D3
SPKO
0
SPKO = 0 The speaker driver output is not connected to DAC channel.
SPKO = 1 The speaker driver output is connected to DAC channel.
Line output select. This bit connects the DAC output to the 600-
Ω line driver
D2
LINEO
0
LINEO = 0 The line driver output is not connected to DAC channel.
LINEO = 1 The line driver output is connected to DAC channel.
Handset output select. This bit connects the DAC output to the 150-
Ω handset driver
D1
HNSO
0
HNSO = 0 The handset driver output is not connected to DAC channel.
HNSO = 1 The handset driver output is connected to DAC channel.
Headset output select. This bit connects the DAC output to the 150-
Ω headset driver
D0
HDSO
0
HDSO = 0 The headset driver output is not connected to DAC channel.
HDSO = 1 The headset driver output is connected to DAC channel.
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com