Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 43 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 39Page - Texas Instruments TLV320AIC21 Datasheet HTML 40Page - Texas Instruments TLV320AIC21 Datasheet HTML 41Page - Texas Instruments TLV320AIC21 Datasheet HTML 42Page - Texas Instruments TLV320AIC21 Datasheet HTML 43Page - Texas Instruments TLV320AIC21 Datasheet HTML 44Page - Texas Instruments TLV320AIC21 Datasheet HTML 45Page - Texas Instruments TLV320AIC21 Datasheet HTML 46Page - Texas Instruments TLV320AIC21 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
www.ti.com
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Control Register 5C(1)
D7
D6
D5
D4
D3
D2
D1
D0
1
0
ASTG
DSTG
R/W
R/W
R/W
R/W
R/W
R/W
R/W
(1)
NOTE: R = Read, W = Write
Analog Sidetone Gain
D5
D4
D3
DSTG
1
1
1
Analog sidetone gain = MUTE
1
1
0
Analog sidetone gain = -27 dB
1
0
1
Analog sidetone gain = -24 dB
1
0
0
Analog sidetone gain = -21 dB
0
1
1
Analog sidetone gain = -18 dB
0
1
0
Analog sidetone gain = -15 dB
0
0
1
Analog sidetone gain = -12 dB
0
0
0
Analog sidetone gain = -9 dB
Digital Sidetone Gain
D2
D1
D0
DSTG
1
1
1
Digital sidetone gain = MUTE
1
1
0
Digital sidetone gain = -27 dB
1
0
1
Digital sidetone gain = -24 dB
1
0
0
Digital sidetone gain = -21 dB
0
1
1
Digital sidetone gain = -18 dB
0
1
0
Digital sidetone gain = -15 dB
0
0
1
Digital sidetone gain = -12 dB
0
0
0
Digital sidetone gain = -9 dB
Control Register 5D(1)
D7
D6
D5
D4
D3
D2
D1
D0
1
1
SPKG
Reserved
R/W
R/W
R/W/S
R/W
(1)
NOTE: R = Read, W = Write
Control Register 5D Bit Summary
RESET
BIT
NAME
FUNCTION
VALUE
Speaker Gain
SPKG = 00 0 dB Gain
D5-D4
SPKG
00
SPKG = 01 1 dB Gain
SPKG = 10 2 dB Gain
SPKG = 11 3 dB Gain
D3-D0
Reserved
0000
Control Register 6A(1)
D7
D6
D5
D4
D3
D2
D1
D0
0
HDSI2O
HNSI2O
CIDI
LINEI
MICI
HNSI
HDSI
R/W
R/W/S
R/W/S
R/W
R/W
R/W
R/W
R/W
(1)
NOTE: R = Read, W = Write
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com