Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 26 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 22Page - Texas Instruments TLV320AIC21 Datasheet HTML 23Page - Texas Instruments TLV320AIC21 Datasheet HTML 24Page - Texas Instruments TLV320AIC21 Datasheet HTML 25Page - Texas Instruments TLV320AIC21 Datasheet HTML 26Page - Texas Instruments TLV320AIC21 Datasheet HTML 27Page - Texas Instruments TLV320AIC21 Datasheet HTML 28Page - Texas Instruments TLV320AIC21 Datasheet HTML 29Page - Texas Instruments TLV320AIC21 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
www.ti.com
Clock Source (MCLK, SCLK)
Serial Data Out (DOUT)
Serial Data In (DIN)
Frame-Sync FS
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Functional Description (continued)
of time slots per frame sync (FS) to match the number of codecs in the serial interface so that no time slot is
wasted. Both the programming mode and the continuous data transfer mode of the TLV320AIC2x are compatible
with the TLV320AIC12. The TLV320AIC2x provides primary/secondary communication and continuous data
transfer with improvements and eliminates the requirements for hardware and software requests for secondary
communication as seen in the TLV320AIC10. The TLV320AIC2x continuous data transfer mode now supports
both master/slave stand-alone and cascade.
Table 1. Serial Interface Configurations
M/S PIN
FSD PIN
TLV320AIC2x CONNECTIONS
COMMENTS
MASTER
SLAVE
MASTER
SLAVE
Stand-alone
High
Low
Pull high
Low
Connect to the next slave's FS
Master-slave cascade
High
Low
Last slave's FSD pin is pulled high
(see Figure 23)
Slave-slave cascade
NA
NA
NA
NA
Not supported
MCLK is the external master clock input. The clock circuit generates and distributes necessary clocks throughout
the device. SCLK is the bit clock used to receive and transmit data synchronously. When the device is in the
master mode, SCLK and FS are output and derived from MCLK in order to provide clocking the serial
communications between the device and a digital signal processor (DSP). When in the slave mode, SCLK and
FS are inputs. SCLK is controlled by TURBO bit (D7) in control register 2. In the standard operation (non-turbo,
TURBO = 0), SCLK frequency is defined by:
•
SCLK = (16 × FS × #Devices × mode)
Where:
•
FS is the frame-sync frequency. #Device is the number of the codec channels in cascade. (#Device = 2 for
stand-alone AIC2x) Mode is equal to 1 for continuous data transfer mode and 2 for programming mode.
DOUT is placed in the high-impedance state after transmission of the LSB is completed. In data frame, the data
word is the ADC conversion result. In the control frame, the data is the register read results when requested by
the read/write (R/W) bit. If a register read is not requested, the low eight bits of the secondary word are all
zeroes. Valid data on DOUT is taken from the high-impedance state by the falling edge of frame-sync (FS). The
first bit transmitted on the falling edge of FS is the MSB of valid data.
The data format of DIN is the same as that of DOUT, in which MSB is received first on the falling edge of first
SCLK after FS. In a data frame, the data word is the input digital signal to the DAC channel. If (15+1)-bit data
format is used, the LSB (D0) of every DAC channel is set to 1 to switch from the continuous data transfer mode
to the programming mode. In a control frame, the data is the control and configuration data that sets the device
for a particular function as described in Section 3.9, Control Register Programming.
The frame-sync signal (FS) indicates the device is ready to send and receive data. FS is an output if the M/S pin
is connected to HI (master mode) and an input if the M/S pin is connected to LO (slave mode).
Data is valid on the falling edge of the FS signal.
The frequency of FS is defined as the sampling rate of the TLV320AIC2x and derived from the master clock
MCLK as followed (see Section 3.1 Operating Frequencies for details):
•
FS = MCLK / (16 × P × N × M)
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com