Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 41 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 37Page - Texas Instruments TLV320AIC21 Datasheet HTML 38Page - Texas Instruments TLV320AIC21 Datasheet HTML 39Page - Texas Instruments TLV320AIC21 Datasheet HTML 40Page - Texas Instruments TLV320AIC21 Datasheet HTML 41Page - Texas Instruments TLV320AIC21 Datasheet HTML 42Page - Texas Instruments TLV320AIC21 Datasheet HTML 43Page - Texas Instruments TLV320AIC21 Datasheet HTML 44Page - Texas Instruments TLV320AIC21 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
www.ti.com
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Control Register 4 Bit Summary (continued)
RESET
BIT
NAME
FUNCTION
VALUE
Divider values of M, N, and P to be used in junction with the FSDIV bit for calculation of FS frequency
according to the formula: FS = MCLK / (16 x M x N x P) where: M = 1, 2, .., 128
Determined by D6-D0 with FSDIV = 1
D7-D0 = 10000000 M = 128
D7-D0 = 10000001 M = 1
D7-D0 = 11111111 M = 127
N = 1, 2,.., 16
Determined by D6-D3 with FSDIV = 0, D6-D0 M, N, P
D6-D0
MNP
—
D7-D0 = 00000xxx N = 16
D7-D0 = 00001xxx N = 1
D7-D0 = 01111xxx N = 15
P = 1, 2,.., 8
Determined by D2-D0 with FSDIV = 0
D7-D0 = 0xxxx000 P = 8
D7-D0 = 0xxxx001 P = 1
D7-D0 = 0xxxx111 P = 7
Control Register 5A(1)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
ADPGA
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
(1)
NOTE: R = Read, W = Write
Table 5. A/D PGA Gain
D5
D4
D3
D2
D1
D0
ADPGA
0
1
1
1
1
1
ADC input PGA gain = MUTE
0
1
1
1
1
0
ADC input PGA gain = 54 dB
0
1
1
1
0
1
ADC input PGA gain = 48 dB
0
1
1
1
0
0
ADC input PGA gain = 42 dB
0
1
1
0
1
1
ADC input PGA gain = 40.5 dB
0
1
1
0
1
0
ADC input PGA gain = 39 dB
0
1
1
0
0
1
ADC input PGA gain = 37.5 dB
0
1
1
0
0
0
ADC input PGA gain = 36 dB
0
1
0
1
1
1
ADC input PGA gain = 34.5 dB
0
1
0
1
1
0
ADC input PGA gain = 33 dB
0
1
0
1
0
1
ADC input PGA gain = 31.5 dB
0
1
0
1
0
0
ADC input PGA gain = 30 dB
0
1
0
0
1
1
ADC input PGA gain = 28.5 dB
0
1
0
0
1
0
ADC input PGA gain = 27 dB
0
1
0
0
0
1
ADC input PGA gain = 25.5 dB
0
1
0
0
0
0
ADC input PGA gain = 24 dB
0
0
1
1
1
1
ADC input PGA gain = 22.5 dB
0
0
1
1
1
0
ADC input PGA gain = 21 dB
0
0
1
1
0
1
ADC input PGA gain = 19.5 dB
0
0
1
1
0
0
ADC input PGA gain = 18 dB
0
0
1
0
1
1
ADC input PGA gain = 16.5 dB
0
0
1
0
1
0
ADC input PGA gain = 15 dB
0
0
1
0
0
1
ADC input PGA gain = 13.5 dB
0
0
1
0
0
0
ADC input PGA gain = 12 dB
0
0
0
1
1
1
ADC input PGA gain = 10.5 dB
0
0
0
1
1
0
ADC input PGA gain = 9 dB
0
0
0
1
0
1
ADC input PGA gain = 7.5 dB
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com