Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 22 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 18Page - Texas Instruments TLV320AIC21 Datasheet HTML 19Page - Texas Instruments TLV320AIC21 Datasheet HTML 20Page - Texas Instruments TLV320AIC21 Datasheet HTML 21Page - Texas Instruments TLV320AIC21 Datasheet HTML 22Page - Texas Instruments TLV320AIC21 Datasheet HTML 23Page - Texas Instruments TLV320AIC21 Datasheet HTML 24Page - Texas Instruments TLV320AIC21 Datasheet HTML 25Page - Texas Instruments TLV320AIC21 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
www.ti.com
Internal Architecture
Analog Low Pass Filter
Sigma-Delta ADC
Decimation Filter
Sigma-Delta DAC
Interpolation Filter
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Functional Description (continued)
7. Both equations of FS require that the following conditions should be met
–
(M x N x P)
≤ (devnum mode) if the FIR/IIR filter is not bypassed.
–
[Integer(M/4) x N x P]
≥ (devnum mode) if the FIR/IIR filter is bypassed.
Where:
devnum is the number of codec channels connecting in cascade (devnum = 2 for
standalone AIC20) mode is equal to 1 for continuous data transfer mode and 2 for
programming mode.
8. If the DAC OSR is set to 512, then M needs to be a multiple of 4. If the DAC OSR
is set to 256, then M needs to be a multiple of 2. M can take any value between 1
and 128 if the OSR is set to 128.
Example:
The MCLK comes from the DSP C5402 CLKOUT and equals to 20.48 MHz and the
conversion rate of 8 kHz is desired. First, set P = 1 to satisfy condition 5 so that
(MCLK/P) = 20.48 MHz/1 = 20.48 MHz. Next, pick M = 10 and N = 16 to satisfy
condition 65 and derive 8 kHz for FS. That is, FS = 20.48 MHz/ (16 x 10 x 16 x 1) = 8
kHz.
The built-in analog low pass antialiasing filter is a two-pole filter that has a 20-dB attenuation at 1 MHz.
The sigma-delta analog-to-digital converter is a sigma-delta modulator with 128x oversampling. The ADC
provides high-resolution, low-noise performance using oversampling techniques.
The decimation filters consist of a sinc filter stage followed by either FIR filters or IIR filters selected by bit D5 of
the control register 1. The FIR filter provides linear-phase output with 17/fs group delay, whereas the IIR filter
generates nonlinear phase output with negligible group delay. The decimation filters reduce the digital data rate
to the sampling rate. This is accomplished by decimating with a ratio of 1:128. The output of the decimation filter
is a 16-bit 2s-complement data word clocking at the sample rate selected for that particular data channel. The
BW of the filter is (0.45 × FS) and scales linearly with the sample rate.
The sigma-delta digital-to-analog converter is a sigma-delta modulator with 128x oversampling. The DAC
provides high-resolution, low-noise performance using oversampling techniques. The oversampling ratio (OSR)
in DAC is programmable to 256/512 using bits D0-D1 of register 3C, the default being 128. The OSR of 512 is
recommended when the FS is a maximum of 8 Ksps, and an OSR of 256 is recommended when the FS is a
maximum of 16 Ksps. It is also required that the value of M used in programming the PLL be a multiple of 4 if the
OSR is set to 512 and 2 if the OSR is set to 256
The interpolation filters consist of either FIR or IIR filters selected by bit D5 of control register 1 followed by a sinc
filter stage. The FIR filter provides linear-phase output with 18/fs group delay, whereas the IIR filter generates
nonlinear phase output with negligible group delay. The interpolation filter resamples the digital data at a rate of
128 times the incoming sample rate. The high-speed data output from the interpolation filter is then used in the
sigma-delta DAC. The BW of the filter is (0.45 × FS) and scales linearly with the sample rate.
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com