Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 31 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 27Page - Texas Instruments TLV320AIC21 Datasheet HTML 28Page - Texas Instruments TLV320AIC21 Datasheet HTML 29Page - Texas Instruments TLV320AIC21 Datasheet HTML 30Page - Texas Instruments TLV320AIC21 Datasheet HTML 31Page - Texas Instruments TLV320AIC21 Datasheet HTML 32Page - Texas Instruments TLV320AIC21 Datasheet HTML 33Page - Texas Instruments TLV320AIC21 Datasheet HTML 34Page - Texas Instruments TLV320AIC21 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
www.ti.com
SCLK
FS
DIN/
DOUT
0
1
2
n-1
n-2
n-3
0
1
2
n-1
n-2
n-3
Master Slave
n-1
Slave
n-2
Slave
3
Slave
2
Slave
1
Master
Slave
n-1
Slave
n-2
Slave
3
Slave
2
Slave
1
Data Frame / Sample 1
NOTE: n/2 is the total number of AIC20s in the cascade
16 SCLKs Per Time Slot
Data Frame / Sample 2
Slot
Number
Turbo Operation (SCLK)
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Figure 26. Standard Operation/Continuous Data Transfer Mode: Master-Slave Cascade Timing
Setting TURBO = 1 (bit D7) in each codec's control register 2 enables the AIC2x's turbo mode that requires the
following condition to be met:
•
M × N > #Devices × mode
Where:
•
M, N, and P are clock divider values defined in the control register 4. #Device is the number of codec
channels in cascade. ( Number of Device = 2 for stand-alone AIC2x) Mode is equal to 1 for continuous data
transfer mode and 2 for programming mode.
The turbo operation is useful for applications that require more bandwidth for multitasking processing per
sampling period. In the turbo mode (see Figure 27), the FS frequency is always the device's sampling frequency,
but the SCLK is running at much higher speed. The output SCLK frequency is equal to (MCLK/P) and up to a
maximum speed of 25 MHz. The data/control frame is still 32-SCLK long and the FS is one-SCLK pulse. If the
AIC2x is in slave mode and the device is not set to turbo mode, only the first FS is used to synchronize the data
transfer. The AIC2x ignores all subsequent FS signals and utilizes an internally generated FS. However, if the
AIC2x is set to turbo mode while in slave mode, then the data transfer synchronizes on every FS signal.
Therefore, it is recommended that if the AIC2x is set to slave mode, then the turbo mode is used. Also note that
in turbo mode, it is recommended that SCLK should be a multiple of 32 x FS.
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com