Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 38 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 34Page - Texas Instruments TLV320AIC21 Datasheet HTML 35Page - Texas Instruments TLV320AIC21 Datasheet HTML 36Page - Texas Instruments TLV320AIC21 Datasheet HTML 37Page - Texas Instruments TLV320AIC21 Datasheet HTML 38Page - Texas Instruments TLV320AIC21 Datasheet HTML 39Page - Texas Instruments TLV320AIC21 Datasheet HTML 40Page - Texas Instruments TLV320AIC21 Datasheet HTML 41Page - Texas Instruments TLV320AIC21 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
www.ti.com
Control Register Content Description
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Control Register 1(1)
D7
D6
D5
D4
D3
D2
D1
D0
ADOVF
CX
IIR
DAOVF
BIASV
ALB
DLB
DAC16
R
R/W/S
R/W
R
R/W/S
R/W
R/W
R/W/S
(1)
NOTE: R = Read, W = Write, S = Shadowed
Control Register 1 Bit Summary
RESET
BIT
NAME
FUNCTION
VALUE
ADC over flow. This bit indicates whether the ADC is overflow.
D7
ADOVF
0
ADOVF = 0 No overflow
ADOVF = 1 A/D is overflow.
Continuous data transfer mode. This bit selects between programming mode and continuous data transfer
mode.
D6
CX
0
CX = 0 Programming mode
CX = 1 Continuous data transfer mode
IIR Filter. This bit selects between FIR and IIR for decimation/interpolation low-pass filter.
D5
IIR
0
IIR = 0 FIR filter is selected
IIR = 1 IIR filter is selected.
DAC over flow. This bit indicates whether the DAC is overflow
D4
DAOVF
0
DAOVF = 0 No overflow
DAOVF = 1 DAC is overflow
Bias voltage. This bit selects the output voltage for BIAS pin
BIASV = 0
D3
BIASV
0
BIAS pin = 1.35 V
BIASV = 1
BIAS pin = 2.35 V
Analog loop back
D2
ALB
0
ALB = 0 Analog loopback disabled
ALB = 1 Analog loopback enabled
Digital loop back
D1
DLB
0
DLB = 0 Digital loopback disabled
DLB = 1 Digital loopback enabled
DAC 16-bit data format. This bit applies to the continuous data transfer mode only to enable the 16-bit data
format for DAC input.DAC16 = 0 DAC input data length is 15 bits. Writing a 1 to the LSB of the DAC input to
D0
DAC16
0
switch from continuous data transfer mode to programming mode.
DAC16 = 1 DAC input data length is 16 bit.
Control Register 2(1)
D7
D6
D5
D4
D3
D2
D1
D0
TURBO
DIFBP
I2C6
I2C5
I2C4
GPO
HPC
R/W/S
R/W/S
R/W/S
R/W/S
R/W/S
R/W/S
R/W/S
R/W/S
(1)
NOTE: R = Read, W = Write, S = Shadowed
Control Register 2 Bit Summary
RESET
BIT
NAME
FUNCTION
VALUE
Turbo mode. This bit is used to set the SCLK rate.
D7
TURBO
0
TURBO = 0 SCLK = (16 × FS × number of device × mode)
TURBO = 1 SCLK = MCLK/P (P is determined in register 4)
Decimation/interpolation filter bypass. This bit is used to bypass both decimation and interpolation filters.
D6
DIFBP
0
DIFBP = 0 Decimation/interpolation filters are operated.
DIFBP = 1 Decimation/interpolation filters are bypassed.
I2C device address. These three bits are programmable to define three MSBs of the I2C device address
D5-D3
I2Cx
100
(reset value is 100). These three bits are combined with the 4-bit SMARTDM device address to form 7-bit
I2C device address.
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com