Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 14 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 10Page - Texas Instruments TLV320AIC21 Datasheet HTML 11Page - Texas Instruments TLV320AIC21 Datasheet HTML 12Page - Texas Instruments TLV320AIC21 Datasheet HTML 13Page - Texas Instruments TLV320AIC21 Datasheet HTML 14Page - Texas Instruments TLV320AIC21 Datasheet HTML 15Page - Texas Instruments TLV320AIC21 Datasheet HTML 16Page - Texas Instruments TLV320AIC21 Datasheet HTML 17Page - Texas Instruments TLV320AIC21 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
www.ti.com
TIMING REQUIREMENTS
th1
2.4 V
MCLK
RESET
2.4 V
tsu1
2.4 V
twL
twH
td1
td2
td1
td2
ten
td3
tdis
tsu2
th2
D15
D15
SCLK
FS
FSD
DOUT
DIN
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Figure 1. Hardware Reset Timing
Figure 2. Serial Communication Timing
TEST CONDITIONS
MIN
TYP
MAX
UNIT
twH
Pulse duration, MCLK high
5
twL
Pulse duration, MCLK low
5
tsu1
Setup time, RESET, before MCLK high (see Figure 1)
3
th1
Hold time, RESET, after MCLK high (see Figure 1)
2
td1
Delay time, SCLK
↑ to FS/FSD↓
CL = 20 pF
5
ns
td2
Delay time, SCLK
↑ to FS/FSD↑
5
td3
Delay time, SCLK
↑ to DOUT
15
ten
Enable time, SCLK
↑ to DOUT
15
tdis
Disable time, SCLK
↑ to DOUT
15
tsu2
Setup time, DIN, before SCLK
↓
10
th2
Hold time, DIN, after SCLK
↓
10
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com