Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 4Page - Texas Instruments TLV320AIC21 Datasheet HTML 5Page - Texas Instruments TLV320AIC21 Datasheet HTML 6Page - Texas Instruments TLV320AIC21 Datasheet HTML 7Page - Texas Instruments TLV320AIC21 Datasheet HTML 8Page - Texas Instruments TLV320AIC21 Datasheet HTML 9Page - Texas Instruments TLV320AIC21 Datasheet HTML 10Page - Texas Instruments TLV320AIC21 Datasheet HTML 11Page - Texas Instruments TLV320AIC21 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
www.ti.com
DAC DYNAMIC PERFORMANCE
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
AIC20/21/24/25
AIC20k/24k
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
The test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate.
DAC Line Output (LINEO-, LINEO+)
The test is measured at output of the application schematic low-pass filter. The test is conducted in
Using FIR Filter
16-bit mode.
VI = 0 dB
88
92
80
92
SNR
Signal-to-noise ratio
VI = -9 dB
81
83
83
VI = 0 dB
84
90
70
90
THD
Total Harmonic Distortion
dB
VI = -9 dB
77
84
84
VI = 0 dB
82
88
88
Signal-to-total Harmonic
THD+N
Distortion + noise
VI = -9 dB
76
80
80
The test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate.
DAC Line Output (LINEO-, LINEO+)
The test is measured at output of the application schematic low-pass filter. The test is conducted in
Using IIR Filter
16-bit mode.
VI = 0 dB
83
83
SNR
Signal-to-noise ratio
VI = -9 dB
74
74
VI = 0 dB
85
85
THD
Total Harmonic Distortion
dB
VI = -9 dB
80
80
VI = 0 dB
80
80
Signal-to-total Harmonic
THD+N
Distortion + noise
VI = -9 dB
73
73
The test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate.
DAC Headphone Output (HDSO-,
The test is measured at output of the application schematic low-pass filter. The test is conducted in
HDSO+), (HNSO-, HNSO+)(1)
16-bit mode.
VI = 0 dB
92
92
SNR
Signal-to-noise ratio
VI = -9 dB
83
83
VI = 0 dB
90
90
THD
Total Harmonic Distortion
dB
VI = -9 dB
89
89
VI = 0 dB
88
88
Signal-to-total Harmonic
THD+N
Distortion + noise
VI = -9 dB
82
82
The test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate.
DAC Speaker Output (SPKO-,
The test is measured at output of the application schematic low-pass filter. The test is conducted in
SPKO+)(1)(2)
16-bit mode.
VI = 0 dB
91
91
SNR
Signal-to-noise ratio
VI = -9 dB
83
83
VI = 0 dB
91
91
THD
Total Harmonic Distortion
dB
VI = -9 dB
91
91
VI = 0 dB
88
88
Signal-to-total Harmonic
THD+N
Distortion + noise
VI = -9 dB
82
82
(1)
The conversion rate is 8 kHz.
(2)
The speaker driver is valid only for the AIC20/21/20K.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com