Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320AIC21 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 1 Page - Texas Instruments

  TLV320AIC21 Datasheet HTML 1Page - Texas Instruments TLV320AIC21 Datasheet HTML 2Page - Texas Instruments TLV320AIC21 Datasheet HTML 3Page - Texas Instruments TLV320AIC21 Datasheet HTML 4Page - Texas Instruments TLV320AIC21 Datasheet HTML 5Page - Texas Instruments TLV320AIC21 Datasheet HTML 6Page - Texas Instruments TLV320AIC21 Datasheet HTML 7Page - Texas Instruments TLV320AIC21 Datasheet HTML 8Page - Texas Instruments TLV320AIC21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
www.ti.com
FEATURES
APPLICATIONS
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Low-Power, Highly-Integrated, Programmable
16-Bit, 26-KSPS, Dual-Channel CODEC
•
Differential and Single-Ended Analog
Input/Output
•
Stereo 16-Bit Oversampling Sigma-Delta A/D
Converter
•
Built-In Analog Functions:
•
Stereo 16-Bit Oversampling Sigma-Delta D/A
– Analog and Digital Sidetone
Converter
– Antialiasing Filter (AAF)
•
Support Maximum Master Clock of 100 MHz to
– Programmable Input and Output Gain
Allow DSPs Output Clock to be Used as a
Control (PGA)
Master Clock
– Microphone/Handset/Headset Amplifiers
•
Selectable FIR/IIR Filter With Bypassing
– AIC20/21/20K Have a Built-In 8-
Ω Speaker
Option
Driver
•
Programmable Sampling Rate up to:
– Power Management With Hardware/Software
– Max 26 Ksps With On-Chip IIR/FIR Filter
Power-Down Modes 30 µW
– Max 104 Ksps With IIR/FIR Bypassed
•
Separate Software Control for ADC and DAC
•
On-Chip FIR Produced 84-dB SNR for ADC
Power Down
and 92-dB SNR for DAC over 13-Khz BW
•
Fully Compatible With Common TMS320
® DSP
•
Smart Time Division Multiplexed (SMARTDM
®)
Family and Microcontroller Power Supplies
Serial Port
– 1.65-V - 1.95-V Digital Core Power
– Glueless 4-Wire Interface to DSP
– 1.1-V - 3.6-V Digital I/O
– Automatic Cascade Detection (ACD)
– 2.7-V - 3.6-V Analog
Self-Generates Master/Slave Device
•
Internal Reference Voltage (Vref)
Addresses
•
2s Complement Data Format
– Programming Mode to Allow On-The-Fly
•
Test Mode Which Includes Digital Loopback
Reconfiguration
and Analog Loopback
– Continuous Data Transfer Mode to Minimize
Bit Clock Speed
– Support Different Sampling Rate for Each
•
Wireless Accessories
Device
•
Hands-Free Car Kits
– Turbo Mode to Maximize Bit Clock For
•
VOIP
Faster Data Transfer and Allow Multiple
•
Cable Modem
Serial Devices to Share the Same Bus
•
Speech Processing
– Allows up to Eight Devices to be Connected
to a Single Serial Port
•
Host port
– 2-Wire Interface
– Selectable I
2C or S2C
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SMARTDM, TMS320, TMS320C5000, TMS320C6000 are registered trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV320AIC21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC21 TI-TLV320AIC21 Datasheet
330Kb / 50P
PRODUCT NOTIFICATION
TLV320AIC21 TI-TLV320AIC21 Datasheet
983Kb / 53P
Layout and Grounding Guidelines for TLV320AIC2x
TLV320AIC21 TI-TLV320AIC21 Datasheet
379Kb / 62P
Low Power,Low Voltage 1.1V to 3.6V I/O Highly-Integrated Programmable 16-Bit 26-KSPS Dual Channel Codec
TLV320AIC21 TI2-TLV320AIC21 Datasheet
693Kb / 56P
SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
OCTOBER 2003
TLV320AIC21 TI2-TLV320AIC21 Datasheet
728Kb / 58P
Low Power CMOS, 16-Bit, 26-KSPS Codec With Smart Time Division Multiplexed (SMARTDM™) Serial Port
OCTOBER 2003
More results

Similar Description - TLV320AIC21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-H3 PHILIPS-XA-H3 Datasheet
183Kb / 36P
CMOS 16-bit highly integrated microcontroller
1999 Sep 24
logo
Analog Devices
AD7725 AD-AD7725 Datasheet
442Kb / 28P
16-Bit 900 kSPS ADC with a Programmable Postprocessor
2/04-Data Sheet changed from REV. 0 to REV. A
logo
Advanced Micro Devices
ELANSC300 AMD-ELANSC300 Datasheet
1Mb / 139P
Highly Integrated, Low-Power, 32-Bit Microcontroller
logo
Texas Instruments
TLV320AIC12 TI-TLV320AIC12_07 Datasheet
1Mb / 63P
LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
TLV320AIC21 TI-TLV320AIC21 Datasheet
379Kb / 62P
Low Power,Low Voltage 1.1V to 3.6V I/O Highly-Integrated Programmable 16-Bit 26-KSPS Dual Channel Codec
logo
Freescale Semiconductor...
MC143416 FREESCALE-MC143416 Datasheet
744Kb / 24P
Dual 16-Bit Linear Codec-Filter
logo
Analog Devices
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Texas Instruments
ADS114S06 TI1-ADS114S06 Datasheet
1Mb / 103P
Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06B TI1-ADS114S06B Datasheet
1Mb / 88P
Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
logo
Cirrus Logic
CS47L90 CIRRUS-CS47L90 Datasheet
207Kb / 2P
Low Power, Highly Integrated Smart Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com